Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5251 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME5251
Description  Dual 1A, 1.5MHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5251 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME5251 Datasheet HTML 1Page - Analog Microelectronics AME5251 Datasheet HTML 2Page - Analog Microelectronics AME5251 Datasheet HTML 3Page - Analog Microelectronics AME5251 Datasheet HTML 4Page - Analog Microelectronics AME5251 Datasheet HTML 5Page - Analog Microelectronics AME5251 Datasheet HTML 6Page - Analog Microelectronics AME5251 Datasheet HTML 7Page - Analog Microelectronics AME5251 Datasheet HTML 8Page - Analog Microelectronics AME5251 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AME
1
AME5251
Rev.A.05
Dual 1A, 1.5MHz Synchronous
Step-Down Converter
The AME5251 is a high efficiency monolithic synchro-
nous dual buck regulator using a constant frequency, cur-
rent mode architecture. Capable of delivering 1A output
cur-rent each channel over a wide input voltage range from
2.5V to 5.5V, the AME5251 is ideally suited for single Li-
Ion battery powered applications. 100% duty cycle pro-
vides low dropout operation, extending battery life in por-
table systems. Under light load conditions, the AME5251
operates in a power saving mode that consumes just
around 20
µA of supply current, maximizing battery life in
portable applications.
The internal synchronous switch increases efficiency
and eliminates the need for an external Schottky diode.
Low output voltages are easily supported with the 0.6V
feedback reference voltage. The AME5251 is available
in small DFN-12A packages.
Other features include soft start, lower internal refer-
ence voltage with 2% accuracy, over temperature protec-
tion, and over current protection.
n
General Description
n
Features
n
Applications
n
Typical Application
C2
L1
ON
OFF
R1
C1
COUT1
VOUT1
VIN1
CIN2
R2
R3
VOUT2
R4
CIN1
VIN1
COUT2
L2
IN2
SW2
GND
FB1
NC1
EN1
EN2
NC2
FB2
GND
SW1
IN1
AME5251
ON
OFF
l
Cellular Telephones
l
Personal Information Appliances
l
Wireless and DSL Modems
l
MPS Players
l
Portable Instruments
l
High Efficiency: Up to 95%
l
Very Low 20
µA Quiescent Current
l
High Efficiency in Light Load Condition
l
2.5V to 5.5V Input Range
l
Adjustable Output From 0.6V to V
IN
l
Adjustable Output Voltage
l
1A Output Current Per Channel
l
Low Dropout Operation: 100% Duty Cycle
l
No Schottky Diode Required
l
1.5MHz Constant Frequency PWM Opera
tion
l
Small DFN-12A Packages
l
Green Products Meet RoHS Standard


Similar Part No. - AME5251

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results

Similar Description - AME5251

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com