Electronic Components Datasheet Search |
|
MAX6366LKA46-T Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6366LKA46-T Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 15 page SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = +2.4V to +5.5V, VBATT = +3.0V, CE IN = VCC, reset not asserted, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Terminal Voltages (with respect to GND) VCC, BATT, OUT.......................................................-0.3V to +6V RESET (open drain), RESET (open drain) ................-0.3V to +6V BATT ON, RESET (push-pull), RESET IN, WDI, CE IN, CE OUT ...........................-0.3V to (VOUT + 0.3V) MR ..............................................................-0.3V to (VCC + 0.3V) Input Current VCC Peak ..............................................................................1A VCC Continuous .............................................................250mA BATT Peak .....................................................................250mA BATT Continuous .............................................................40mA GND ...............................................................................75mA Output Current OUT ...............................Short-Circuit Protected for up to 10s RESET, RESET, BATT ON, CE OUT...............................20mA Continuous Power Dissipation (TA = +70°C) 8-Pin SOT23 (derate 8.75mW/°C above +70°C)........700mW Operating Temperature Range ...........................-40°C to +85°C Storage Temperature Range .............................-65°C to +150°C Junction Temperature .....................................................+150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Operating Voltage Range (Note 2) VCC, VBATT No load 0 5.5 V VCC = 2.8V 10 30 VCC = 3.6V 12 35 Supply Current (Excluding IOUT) ICC No load, VCC > VTH VCC = 5.5V 15 50 µA TA = +25 °C1 Supply Current in Battery- Backup Mode (Excluding IOUT) IBACK VBATT = 2.8V, VCC = 0 TA = -40 °C to +85°C3 µA TA = +25 °C -0.1 0.02 BATT Standby Current IBATT 5.5V > VCC > (VBATT + 0.2V) TA = -40 °C to +85°C -1.0 0.02 µA VCC = 4.75V, IOUT = 150mA 3.1 VCC = 3.15V, IOUT = 65mA 3.7 VCC to OUT On-Resistance RON VCC = 2.38V, IOUT = 25mA 4.6 Ω VBATT = 4.5V, IOUT = 20mA VBATT - 0.2 VBATT = 3.0V, IOUT = 10mA VBATT - 0.15 Output Voltage in Battery- Backup Mode VOUT VBATT = 2.25V, IOUT = 5mA VBATT - 0.15 V Power-up 20 Battery-Switchover Threshold (VCC - VBATT) VSW VCC < VTH Power-down -20 mV MAX636_ _KA46 4.50 4.63 4.75 MAX636_ _KA44 4.25 4.38 4.50 MAX636_ _KA31 3.00 3.08 3.15 MAX636_ _KA29 2.85 2.93 3.00 MAX636_ _KA26 2.55 2.63 2.70 Reset Threshold VTH MAX636_ _KA23 2.25 2.32 2.38 V VCC Falling Reset Delay tRD VCC falling at 10V/ms 20 µs |
Similar Part No. - MAX6366LKA46-T |
|
Similar Description - MAX6366LKA46-T |