Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5251A Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME5251A
Description  Dual 1A, 1.5MHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5251A Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME5251A Datasheet HTML 6Page - Analog Microelectronics AME5251A Datasheet HTML 7Page - Analog Microelectronics AME5251A Datasheet HTML 8Page - Analog Microelectronics AME5251A Datasheet HTML 9Page - Analog Microelectronics AME5251A Datasheet HTML 10Page - Analog Microelectronics AME5251A Datasheet HTML 11Page - Analog Microelectronics AME5251A Datasheet HTML 12Page - Analog Microelectronics AME5251A Datasheet HTML 13Page - Analog Microelectronics AME5251A Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AME
10
Dual 1A, 1.5MHz Synchronous
Step-Down Converter
AME5251A
Rev.A.04
PC Board Layout Checklist
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the
AME5251A. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW trace and the V
IN trace should be kept short, direct and wide.
2. Does the V
FB pin connect directly to the feedback resistors? The resistive divider R2/R1 must be connected between
the (+) plate of C
OUT and ground.
3. Does the (+) plate of CIN connect to V
IN as closely as possible? This capacitor provides the AC current to the internal
power MOSFETs.
4. Keep the switching node, SW, away from the sensitive V
FB node.
5. Keep the (-) plates of C
IN and COUT as close as possible.
Figure 7: AME5251A Adjustable Voltage Regulator Layout Diagram
2
3
12
11
10
SW2
GND
EN2
NC2
FB2
CIN1, CIN2 should be placed
between V IN and GND as
close as possible .
R11, R12, R21, R22 and C 11,
C21 must be kept close to the
IC s FB pin to prevent noise
injection on the FB pin trace and
keeping far away from SW
node.
AME5251A
VIN2
1
GND
9
8
7
GND
SW1
VIN1
FB1
NC1
EN1
4
5
6
The ground area must provide adequate heat
dissipating area to the thermal pad and using
multiple vias to help thermal dissipation .
NC 1, NC2 pin no
connect or connect
to GND.
R21
R22
C21
L1
COUT1
CIN1
CIN 2
COUT2
L2
R12
R11
C11
SW1, SW2 should be connected to inductor by wide and short trace
.
Keep sensitive components away from this trace .
VOUT 1
VOUT1
VOUT2
VOUT2


Similar Part No. - AME5251A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results

Similar Description - AME5251A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com