Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6375UR22-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6375UR22-T
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6375UR22-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6375UR22-T Datasheet HTML 1Page - Maxim Integrated Products MAX6375UR22-T Datasheet HTML 2Page - Maxim Integrated Products MAX6375UR22-T Datasheet HTML 3Page - Maxim Integrated Products MAX6375UR22-T Datasheet HTML 4Page - Maxim Integrated Products MAX6375UR22-T Datasheet HTML 5Page - Maxim Integrated Products MAX6375UR22-T Datasheet HTML 6Page - Maxim Integrated Products MAX6375UR22-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX6375–MAX6380 are ultra-low-power circuits
used for monitoring battery, power-supply, and regulat-
ed system voltages. Each detector contains a precision
bandgap reference, comparator, and internally trimmed
resistors that set specified trip threshold voltages.
These devices provide excellent circuit reliability and
low cost by eliminating external components and
adjustments when monitoring nominal system voltages
from 2.5V to 5V.
These circuits perform a single function: they assert an
output signal whenever the VCC supply voltage falls
below a preset threshold. The devices are differentiated
by their output logic configurations and preset thresh-
old voltages. The MAX6375/MAX6378 (push-pull) and
MAX6377/MAX6380 (open-drain) have an active-low
output (OUT is logic low when VCC is below VTH). The
MAX6376/MAX6379 have an active-high push-pull out-
put (OUT is logic high when VCC is below VTH). All
parts are guaranteed to be in the correct output logic
state for VCC down to 1V. The detector is designed to
ignore fast transients on VCC. The MAX6375/MAX6376/
MAX6377 have voltage thresholds between 2.20V and
3.08V in approximately 100mV increments. The
MAX6378/MAX6379/MAX6380 have voltage thresholds
between 3.30V and 4.63V in approximately 100mV
increments.
Ultra-low supply current of 500nA (MAX6375/MAX6376/
MAX6377) makes these parts ideal for use in portable
equipment. All six devices are available in a space-sav-
ing SC70 package or in a tiny SOT23 package.
Applications
Precision Battery Monitoring
Load Switching/Power Sequencing
Power-Supply Monitoring in Digital/Analog Systems
Portable/Battery-Powered Equipment
Features
o Ultra-Low 500nA Supply Current
(MAX6375/MAX6376/MAX6377)
o Thresholds Available from 2.20V to 4.63V in
Approximately 100mV Increments
o ±2.5% Threshold Accuracy Over Temperature
o Low Cost
o Available in Three Versions: Push-Pull OUT,
Push-Pull OUT, and Open-Drain OUT
o Power-Supply Transient Immunity
o No External Components
o Available in Either a 3-Pin SC70
or 3-Pin SOT23 Package
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
________________________________________________________________ Maxim Integrated Products
1
( ) ARE FOR MAX6376/MAX6379 ONLY.
TOP VIEW
OUT(OUT)
1
3
GND
SC70-3
2
GND
1
3
SOT23-3
2
VCC
MAX6375XR–
MAX6380XR
MAX6375UR–
MAX6380UR
VCC
OUT(OUT)
Pin Configuration
19-1721; Rev 2; 2/03
*The MAX6375/MAX6376/MAX6377 are available in factory-pre-
set thresholds from 2.20V to 3.08V, in approximately 0.1V incre-
ments. The MAX6378/MAX6379/MAX6380 are available in
factory-preset thresholds from 3.30V to 4.63V, in approximately
0.1V increments. Choose the desired threshold suffix from
Table 1 and insert it in the blank spaces following R. There are
21 standard versions, with a required order increment of 2500
pieces. Sample stock is generally held on the standard versions
only (see the Selector Guide). The required order increment is
10,000 pieces for nonstandard versions (Table 2). Contact facto-
ry for availability. All devices available in tape-and-reel only.
Ordering Information
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
TEMP RANGE
PIN-PACKAGE
MAX6375UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6375XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6376UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6376XR _ _ -T
-40°C to +85°C
3 SC70-3
Ordering information continued at end of data sheet


Similar Part No. - MAX6375UR22-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375UR MAXIM-MAX6375UR Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
More results

Similar Description - MAX6375UR22-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com