Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5269 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME5269
Description  2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5269 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME5269 Datasheet HTML 1Page - Analog Microelectronics AME5269 Datasheet HTML 2Page - Analog Microelectronics AME5269 Datasheet HTML 3Page - Analog Microelectronics AME5269 Datasheet HTML 4Page - Analog Microelectronics AME5269 Datasheet HTML 5Page - Analog Microelectronics AME5269 Datasheet HTML 6Page - Analog Microelectronics AME5269 Datasheet HTML 7Page - Analog Microelectronics AME5269 Datasheet HTML 8Page - Analog Microelectronics AME5269 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AME
4
AME5269
Rev. B.01
2A, 28V, 340KHz Synchronous
Rectified Step-Down Converter
n Pin Description
SOP-8
Pin Number
Pin Name
Pin Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-
Channel MOSFET switch. Connect a 0.01
µF or greater capacitor from SW to
BS to power the high side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down
converter switches. Drive IN with a 4.75V to 28V power source. Bypass IN to
GND with a suitable large capacitor to eliminate noise on the input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from SW to the output load. Note that a
capacitor is required from SW to BS to power the high-side switch.
4
GND
Ground. Connect the exposed pad to pin 4.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive
FB with a resistive voltage divider from the output voltage. The feedback
reference voltage is 0.925V.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND to compensate the
regulation control loop. In some cases, an additional capacitor from COMP to
GND is required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN
higher than 2.7V to turn on the regulator, drive it lower than 1.1V to turn it off.
Pull up to the IN pin with 100K
Ω resister for automatic start up.
8
SS
Soft-start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. Add a 0.1uF capacitor set the
soft-start period to 15mS. To disable the soft start feature, leave the SS
unconnected.


Similar Part No. - AME5269

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
AME5268-AZAADJ AME-AME5268-AZAADJ Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
More results

Similar Description - AME5269

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
logo
Monolithic Power System...
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP28313 MPS-MP28313 Datasheet
336Kb / 11P
   2A, 16V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
   2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Monolithic Power System...
MP2309 MPS-MP2309 Datasheet
337Kb / 10P
   1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com