Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8229 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8229
Description  BATTERY MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8229 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8229 Datasheet HTML 1Page - Seiko Instruments Inc S8229 Datasheet HTML 2Page - Seiko Instruments Inc S8229 Datasheet HTML 3Page - Seiko Instruments Inc S8229 Datasheet HTML 4Page - Seiko Instruments Inc S8229 Datasheet HTML 5Page - Seiko Instruments Inc S8229 Datasheet HTML 6Page - Seiko Instruments Inc S8229 Datasheet HTML 7Page - Seiko Instruments Inc S8229 Datasheet HTML 8Page - Seiko Instruments Inc S8229 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
BATTERY MONITORING IC
Rev.1.0_01
S-8229 Series
Seiko Instruments Inc.
3
Product Name Structure
1. Product name
S-8229 xxx - xxxx U
Environmental code
U: Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, Tape
I6T1: SNT-6A, Tape
Serial code
*2
Sequentially set from AAA to AZZ
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD
3. Product name list
3. 1 SOT-23-6
Table 2
Product Name
Detection
Voltage 1
[
−VDET1(S)]
Detection
Voltage 2
[
−VDET2(S)]
Detection
Voltage 3
[
−VDET3(S)]
Hysteresis
Width 1
[VHYS1(S)]
Hysteresis
Width 2
[VHYS2(S)]
Hysteresis
Width 3
[VHYS3(S)]
Output Logic
*1
S-8229AAA-M6T1U
19.400 V
18.100 V
15.300 V
0 V
0 V
0 V
Full charge all on
S-8229AAB-M6T1U
19.400 V
18.100 V
15.300 V
0.500 V
0.500 V
0.500 V
Full charge all on
S-8229AAC-M6T1U 19.500 V
18.000 V
15.500 V
0.050 V
0.050 V
0.050 V
Full charge all on
*1.
Full charge all on: When the input voltage is equal to or higher than each of the three detection voltage
values, VOUT1 = VOUT2 = VOUT3 = VSS.
Full charge all off: When the input voltage is equal to or higher than each of the three detection voltage
values, VOUT1 = VOUT2 = VOUT3 = "High-Z".
Remark Please contact our sales office for products other than the above.
3. 2 SNT-6A
Table 3
Product Name
Detection
Voltage 1
[
−VDET1(S)]
Detection
Voltage 2
[
−VDET2(S)]
Detection
Voltage 3
[
−VDET3(S)]
Hysteresis
Width 1
[VHYS1(S)]
Hysteresis
Width 2
[VHYS2(S)]
Hysteresis
Width 3
[VHYS3(S)]
Output Logic
*1
S-8229AAF-I6T1U
18.000 V
15.000 V
21.500 V
0.050 V
0.050 V
0.050 V
Full charge all on
*1.
Full charge all on: When the input voltage is equal to or higher than each of the three detection voltage
values, VOUT1 = VOUT2 = VOUT3 = VSS.
Full charge all off: When the input voltage is equal to or higher than each of the three detection voltage
values, VOUT1 = VOUT2 = VOUT3 = "High-Z".
Remark Please contact our sales office for products other than the above.


Similar Part No. - S8229

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S822 NKK-S822 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8221 SATCO-S8221 Datasheet
125Kb / 1P
   15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Polyfet RF Devices
S8222 POLYFET-S8222 Datasheet
53Kb / 2P
   RF POWER VDMOS TRANSISTOR
logo
Seiko Instruments Inc
S8223A SII-S8223A Datasheet
2Mb / 30P
   BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
More results

Similar Description - S8229

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225AAA-TCT1U SII-S-8225AAA-TCT1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com