Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6193CESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6193CESA
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6193CESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6193CESA Datasheet HTML 5Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 6Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 7Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 8Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 9Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 10Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 11Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 12Page - Maxim Integrated Products MAX6193CESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
_______________________________________________________________________________________
9
Typical Operating Characteristics
(VIN = 5V for MAX6190/1/2/3/4/8, VIN = 5.5V for MAX6195; IOUT = 0; TA = +25°C; unless otherwise noted.) (Note 5)
1.2494
1.2496
1.2500
1.2498
1.2506
1.2504
1.2502
1.2508
-40
0
-20
20
40
60
80
100
MAX6190
OUTPUT VOLTAGE
TEMPERATURE DRIFT
TEMPERATURE DRIFT (
°C)
THREE
TYPICAL PARTS
4.9995
5.0005
5.0000
5.0020
5.0015
5.0010
5.0035
5.0030
5.0025
5.0040
-40
0
20
-20
40
60
80
100
MAX6195
OUTPUT VOLTAGE
TEMPERATURE DRIFT
TEMPERATURE DRIFT (
°C)
THREE
TYPICAL PARTS
4.993
4.995
4.994
4.999
4.998
4.997
4.996
5.002
5.001
5.000
5.003
0
300 400 500
100 200
600 700 800 900 1000
MAX6195
LONG-TERM DRIFT
TIME (HOURS)
THREE
TYPICAL PARTS
-100
0
200
100
300
400
26
4
8
10
12
14
MAX6190
LINE REGULATION
INPUT VOLTAGE (V)
TA = +85
°C
TA = -40
°C
TA = +25
°C
-0.4
-0.2
0
0.2
0.4
-500
-250
0
250
-375
-125
125
375
500
MAX6190
LOAD REGULATION
LOAD CURRENT (
µA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
-200
0
400
200
600
800
579
11
13
MAX6195
LINE REGULATION
INPUT VOLTAGE (V)
TA = +85
°C
TA = -40
°C
TA = +25
°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
200
400
600
800
1000
MAX6192/MAX6193
DROPOUT VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (
µA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
-0.4
-0.2
0
0.2
0.4
-500
-250
0
250
-375
-125
125
375
500
MAX6195
LOAD REGULATION
LOAD CURRENT (
µA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
0
0.10
0.05
0.20
0.15
0.25
0.30
0
400
200
600
800
1000
MAX6194/MAX6195/MAX6198
DROPOUT VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (
µA)
TA = +85
°C
TA = -40
°C
TA = +25
°C


Similar Part No. - MAX6193CESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190AESA++ MAXIM-MAX6190AESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190BESA++ MAXIM-MAX6190BESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
More results

Similar Description - MAX6193CESA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
   Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
   Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com