Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8243A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8243A
Description  BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8243A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8243A Datasheet HTML 2Page - Seiko Instruments Inc S8243A Datasheet HTML 3Page - Seiko Instruments Inc S8243A Datasheet HTML 4Page - Seiko Instruments Inc S8243A Datasheet HTML 5Page - Seiko Instruments Inc S8243A Datasheet HTML 6Page - Seiko Instruments Inc S8243A Datasheet HTML 7Page - Seiko Instruments Inc S8243A Datasheet HTML 8Page - Seiko Instruments Inc S8243A Datasheet HTML 9Page - Seiko Instruments Inc S8243A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8243A/B Series
Rev.3.0_00
Seiko Instruments Inc.
6
Absolute Maximum Ratings
Table 5
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Applied Pins
Absolute Maximum Ratings
Unit
Input voltage VDD
VDS
VSS−0.3 to VSS+26
V
Input voltage
VIN
VC1, VC2, VC3, CCT,
CDT
VSS−0.3 to VDD+0.3
V
VMP pin Input voltage
VMP
VMP
VSS−0.3 to VSS+26
V
DOP pin output voltage
VDOP
DOP
VSS−0.3 to VDD+0.3
V
COP pin output voltage
VCOP
COP
VSS−0.3 to VSS+26
V
VREG pin output voltage
VOUT
VREG
VSS−0.3 to VDD+0.3
V
CTL1 pin input voltage
VCTL1
CTL1
VSS−0.3 to VDD+0.3
V
CTL2 to CTL4 pin input voltage
VCTLn
CTL2, CTL3, CTL4
VSS−0.3 to VOUT+0.3
V
Cell voltage output voltage
VBATOUT
VBATOUT
VSS−0.3 to VOUT+0.3
V
300 (When not mounted on board)
mW
Power dissipation
PD
1100
*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient Temperature (Ta) [
°C]
1000
600
200
1200
Figure 4 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S8243A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S82433LX INTEL-S82433LX Datasheet
540Kb / 53P
   LOCAL BUS ACCELERATOR (LBX)
S82433NX INTEL-S82433NX Datasheet
540Kb / 53P
   LOCAL BUS ACCELERATOR (LBX)
logo
Laird Tech Smart Techno...
S8243B LSTD-S8243B Datasheet
903Kb / 1P
   Fiberglass enclosures
More results

Similar Description - S8243A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com