Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6338MUB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6338MUB
Description  Quad Voltage Monitor in 關MAX Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6338MUB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6338MUB Datasheet HTML 1Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 2Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 3Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 4Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 5Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 6Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 7Page - Maxim Integrated Products MAX6338MUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Quad Voltage Monitor in µMAX Package
_______________________________________________________________________________________
3
10
20
15
30
25
40
35
45
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
NORMALIZED THRESHOLD ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
NORMALIZED TO +5V
-0.3
-0.2
-0.1
0
0.1
-40
20
40
-20
0
60
80
NORMALIZE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = +5V
0
0.3
0.2
0.1
0.4
0.5
0.6
04
3
12
56789
10
OUTPUT VOLTAGE LOW
vs. SINK CURRENT
SINK CURRENT (mA)
TA = +25
°C
VCC = 5V
TA = -40
°C
TA = +85
°C
PROPAGATION DELAY
(WITH 100mV OVERDRIVE)
10µs/div
IN_
50mV/div
OUT_
2V/div
PROPAGATION DELAY
(WITH 20mV OVERDRIVE)
10
µs/div
IN_
20mV/div
OUT_
2V/div
Typical Operating Characteristics
(VCC = +5V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX6338MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6338-T MAXIM-MAX6338-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6338MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Maxim Integrated Produc...
MAX6683 MAXIM-MAX6683 Datasheet
170Kb / 14P
   Temperature Sensor and System Monitor in a 10-Pin 關MAX
Rev 1; 7/04
MAX6687 MAXIM-MAX6687 Datasheet
138Kb / 7P
   Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com