Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6332UR22D3-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6332UR22D3-T
Description  3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6332UR22D3-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6332UR22D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6332UR22D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6332UR22D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6332UR22D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6332UR22D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6332UR22D3-T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6332/MAX6333/MAX6334 microprocessor (µP)
supervisory circuits monitor the power supplies in 1.8V
to 3.3V µP and digital systems. They increase circuit
reliability and reduce cost by eliminating external com-
ponents and adjustments.
These devices perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for a pre-
set timeout period after VCC has risen above the reset
threshold. The only difference among the three devices
is their output. The MAX6333 (push/pull) and MAX6334
(open-drain) have an active-low RESET output, while
the MAX6332 (push/pull) has an active-high RESET out-
put. The MAX6332/MAX6333 are guaranteed to be in
the correct state for VCC down to 0.7V. The MAX6334 is
guaranteed to be in the correct state for VCC down to
1.0V.
The reset comparator in these ICs is designed to ignore
fast transients on VCC. Reset thresholds are factory-
trimmable between 1.6V and 2.5V, in approximately
100mV increments. There are 15 standard versions
available (2,500 piece minimum-order quantity); con-
tact the factory for availability of nonstandard versions
(10,000 piece minimum-order quantity). For space-criti-
cal applications, the MAX6332/MAX6333/MAX6334
come packaged in a 3-pin SOT23.
Applications
Pentium II™ Computers
Computers
Controllers
Intelligent Instruments
Critical µP/µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
Features
o Ultra-Low 0.7V Operating Supply Voltage
o Low 3.3µA Supply Current
o Precision Monitoring of 1.8V and 2.5V Power-
Supply Voltages
o Reset Thresholds Available from 1.6V to 2.5V,
in Approximately 100mV Increments
o Fully Specified over Temperature
o Three Power-On Reset Pulse Widths Available
(1ms min, 20ms min, 100ms min)
o Low Cost
o Three Available Output Structures: Push/Pull
RESET, Push/Pull RESET, Open-Drain RESET
o Guaranteed RESET/RESET Valid to VCC = 0.7V
(MAX6332/MAX6333)
o Power-Supply Transient Immunity
o No External Components
o 3-Pin SOT23 Package
o Pin-Compatible with MAX809/MAX810 and
MAX6326/MAX6327/MAX6328
3-Pin, Ultra-Low-Voltage, Low-Power
µP Reset Circuits
________________________________________________________________
Maxim Integrated Products
1
19-1411; Rev 0; 12/98
PART*
MAX6332UR__D_-T
MAX6333UR__D_-T
MAX6334UR__D_-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
3 SOT23-3
3 SOT23-3
3 SOT23-3
Ordering Information
*
These devices are available in factory-set VCC reset thresh-
olds from 1.6V to 2.5V, in approximately 0.1V increments.
Choose the desired reset threshold suffix from Table 1 and
insert it in the blanks following “UR” in the part number.
Factory-programmed reset timeout periods are also available.
Insert the number corresponding to the desired nominal reset
timeout period (1 = 1ms min, 2 = 20ms min, 3 = 100ms min) in
the blank following “D” in the part number. There are 15 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(see Selector Guide). Contact the factory for availability of non-
standard versions (required order increment is 10,000 pieces).
All devices available in tape-and-reel only.
Typical Operating Circuit and Pin Configuration appear
at end of data sheet.
Selector Guide appears at end of data sheet.
Pentium II is a trademark of Intel Corp.


Similar Part No. - MAX6332UR22D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332UR22D3-T MAXIM-MAX6332UR22D3-T Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
More results

Similar Description - MAX6332UR22D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com