Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138AKA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BSS138AKA
Description  60 V, single N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS138AKA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BSS138AKA_15 Datasheet HTML 5Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 6Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 7Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 8Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 9Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 10Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 11Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 12Page - NXP Semiconductors BSS138AKA_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NXP Semiconductors
BSS138AKA
60 V, single N-channel Trench MOSFET
BSS138AKA
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
29 April 2015
9 / 16
QG (nC)
0.0
0.8
0.6
0.2
0.4
aaa-006620
4
6
2
8
10
VGS
(V)
0
ID = 150 mA; VDS = 30 V; Tamb = 25 °C
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
017aaa137
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. Gate charge waveform definitions
017aaa672
VSD (V)
0
1.2
0.8
0.4
0.2
0.3
0.1
0.4
0.5
IS
(A)
0
Tj = 150 °C
Tj = 25 °C
VGS = 0 V
Fig. 16. Source current as a function of source-drain voltage; typical values
11. Test information
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 17. Duty cycle definition


Similar Part No. - BSS138AKA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results

Similar Description - BSS138AKA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002AK NXP-NX7002AK Datasheet
210Kb / 15P
   60 V, single N-channel Trench MOSFET
10 July 2012
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
   60 V, single N-channel Trench MOSFET
11 July 2012
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
NX7002BKW PHILIPS-NX7002BKW_15 Datasheet
271Kb / 15P
   60 V, single N-channel Trench MOSFET
20 March 2015
logo
Nexperia B.V. All right...
PMPB85ENEA NEXPERIA-PMPB85ENEA Datasheet
728Kb / 15P
   60 V, single N-channel Trench MOSFET
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
   60 V, single N-channel Trench MOSFET
6 August 2015
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
   60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
PMPB85ENEA PHILIPS-PMPB85ENEA_15 Datasheet
259Kb / 15P
   60 V, single N-channel Trench MOSFET
19 December 2013
logo
Nexperia B.V. All right...
BSS138AKA NEXPERIA-BSS138AKA Datasheet
718Kb / 16P
   60 V, single N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com