Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX641XCPA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX641XCPA
Description  Fixed Output 10W CMOS Step-Up Switching Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX641XCPA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX641XCPA Datasheet HTML 4Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 5Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 6Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 7Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 8Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 9Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 10Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 11Page - Maxim Integrated Products MAX641XCPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image


Similar Part No. - MAX641XCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6410BS MAXIM-MAX6410BS Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6410BS33-T MAXIM-MAX6410BS33-T Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6410BS34-T MAXIM-MAX6410BS34-T Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6410BS35-T MAXIM-MAX6410BS35-T Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6410BS36-T MAXIM-MAX6410BS36-T Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX641XCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX631 MAXIM-MAX631 Datasheet
374Kb / 8P
   CMOS Fixed/Adjustable Output Step-Up Switching Regulators
Rev 0; 3/90
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
Rohm
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_08 Datasheet
3Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BA9743AFV ROHM-BA9743AFV_11 Datasheet
4Mb / 17P
   Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com