Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8254A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8254A
Description  BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8254A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8254A Datasheet HTML 1Page - Seiko Instruments Inc S8254A Datasheet HTML 2Page - Seiko Instruments Inc S8254A Datasheet HTML 3Page - Seiko Instruments Inc S8254A Datasheet HTML 4Page - Seiko Instruments Inc S8254A Datasheet HTML 5Page - Seiko Instruments Inc S8254A Datasheet HTML 6Page - Seiko Instruments Inc S8254A Datasheet HTML 7Page - Seiko Instruments Inc S8254A Datasheet HTML 8Page - Seiko Instruments Inc S8254A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
S-8254A Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
© Seiko Instruments Inc., 2002-2014
Rev.5.1_00
Seiko Instruments Inc.
1
The S-8254A Series is a protection IC for 3-serial- or 4-serial-cell lithium-ion / lithium polymer rechargeable
batteries and includes a high-accuracy voltage detector and delay circuit.
The S-8254A Series protects both 3-serial or 4-serial cells using the SEL pin for switching.
Features
(1) High-accuracy voltage detection for each cell
• Overcharge detection voltage n (n = 1 to 4)
3.9 V to 4.4 V (50 mV step)
Accuracy
±25 mV
• Overcharge release voltage n (n = 1 to 4)
3.8 V to 4.4 V
*1
Accuracy
±50 mV
• Overdischarge detection voltage n (n = 1 to 4) 2.0 V to 3.0 V (100 mV step)
Accuracy
±80 mV
• Overdischarge release voltage n (n = 1 to 4)
2.0 V to 3.4 V
*2
Accuracy
±100 mV
(2) Three-level overcurrent protection
• Overcurrent detection voltage 1
0.05 V to 0.30 V (50 mV step)
Accuracy
±25 mV
• Overcurrent detection voltage 2
0.5 V
Accuracy
±100 mV
• Overcurrent detection voltage 3
VVC1
− 1.2 V
Accuracy
±300 mV
(3) Delay times for overcharge detection, overdischarge detection and overcurrent detection 1 can be set
by external capacitors (delay times for overcurrent detection 2 and 3 are fixed internally).
(4) Switchable between a 3-serial cell and 4-serial cell using the SEL pin
(5) Charge/discharge operation can be controlled via the control pins.
(6) High-withstand voltage device
Absolute maximum rating : 26 V
(7) Wide operating voltage range
2 V to 24 V
(8) Wide operating temperature range
−40°C to + 85°C
(9) Low current consumption
• During operation
30
μA max. (+25°C)
• During power-down 0.1 μA max. (+25°C)
(10) Lead-free, Sn100%, halogen-free
*3
*1. Overcharge hysteresis voltage n (n
= 1 to 4) can be selected as 0 V or from a range of 0.1 V to 0.4 V in
50 mV steps.
(Overcharge hysteresis voltage
= Overcharge detection voltage − Overcharge release voltage)
*2. Overdischarge hysteresis voltage n (n
= 1 to 4) can be selected as 0 V or from a range of 0.2 V to 0.7 V
in 100 mV steps.
(Overdischarge hysteresis voltage
= Overdischarge release voltage − Overdischarge detection voltage)
*3. Refer to “ Product Name Structure” for details.
Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs
Package
• 16-Pin TSSOP


Similar Part No. - S8254A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S8250B SII-S8250B Datasheet
720Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
S8252 SII-S8252 Datasheet
554Kb / 35P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8253C SII-S8253C Datasheet
470Kb / 33P
   BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
Hamamatsu Corporation
S8255 HAMAMATSU-S8255 Datasheet
142Kb / 2P
   Si PIN photodiode
More results

Similar Description - S8254A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
logo
ABLIC Inc.
S-8254A ABLIC-S-8254A Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
logo
Seiko Instruments Inc
S-8254AAFFT SII-S-8254AAFFT Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8254AANFT-TB-G SII-S-8254AANFT-TB-G Datasheet
268Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S-8253A SII-S-8253A Datasheet
596Kb / 32P
   BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Unisonic Technologies
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-82B4A ABLIC-S-82B4A Datasheet
584Kb / 33P
   BATTERY PROTECTION IC FOR 4-SERIAL OR 5-SERIAL CELL PACK
Rev.1.0_00
logo
Unisonic Technologies
UB264A UTC-UB264A Datasheet
207Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
   LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S-8243A SII-S-8243A Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com