Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6421US46-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6421US46-T
Description  Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6421US46-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6421US46-T Datasheet HTML 1Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 2Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 3Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 4Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 5Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 6Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 7Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 8Page - Maxim Integrated Products MAX6421US46-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Power, SC70/SOT µP Reset Circuits with
Capacitor-Adjustable Reset Timeout Delay
4
_______________________________________________________________________________________
Detailed Description
Reset Output
The reset output is typically connected to the reset input
of a µP. A µP’s reset input starts or restarts the µP in a
known state. The MAX6340/MAX6421–MAX6426 µP
supervisory circuits provide the reset logic to prevent
code-execution errors during power-up, power-down,
and brownout conditions (see Typical Operating
Characteristics).
RESET changes from high to low whenever VCC drops
below the threshold voltage. Once VCC exceeds the
threshold voltage, RESET remains low for the capacitor-
adjustable reset timeout period.
The MAX6422 active-high RESET output is the inverse
logic of the active-low RESET output. All device outputs
are guaranteed valid for VCC > 1V.
The MAX6340/MAX6423/MAX6425/MAX6426 are open-
drain RESET outputs. Connect an external pullup resis-
tor to any supply from 0 to 5.5V. Select a resistor value
large enough to register a logic low when RESET is
asserted and small enough to register a logic high
while supplying all input current and leakage paths
connected to the RESET line. A 10k
Ω to 100kΩ pullup
is sufficient in most applications.
Selecting a Reset Capacitor
The reset timeout period is adjustable to accommodate
a variety of µP applications. Adjust the reset timeout
period (tRP) by connecting a capacitor (CSRT) between
SRT and ground. Calculate the reset timeout capacitor
as follows:
Pin Description
PIN
MAX6340
MAX6421
MAX6422
MAX6423
MAX6424
MAX6425
MAX6426
SOT23
SOT143
SC70
SOT23
SOT23
NAME
FUNCTION
1
3
3
5
1
SRT
Set Reset Timeout Input. Connect a capacitor between SRT
and ground to set the timeout period. Determine the period as
follows: tRP = 2.73 10
6 CSRT + 275µs with tRP in seconds
and CSRT in farads.
2
1
2
3
2, 3
GND
Ground
3
——
4
N.C.
Not Internally Connected. Can be connected to GND.
42
1
2
5
VCC
Supply Voltage and Reset Threshold Monitor Input
51
4
RESET
RESET changes from high to low whenever VCC drops below
the selected reset threshold voltage. RESET remains low for
the reset timeout period after VCC exceeds the reset
threshold.
44
——
RESET
RESET changes from low to high whenever VCC drops below
the selected reset threshold voltage. RESET remains high for
the reset timeout period after VCC exceeds the reset
threshold.
MAX6340
MAX6423
MAX6425
MAX6426
VREF
CSRT
SRT
RESET
TIMEOUT
N
GND
RESET
LASER-TRIMMED
RESISTORS
VCC
3.3V
10k
5.0V
5V
SYSTEM
Figure 1. MAX6340/MAX6423/MAX6425/MAX6426 Open-Drain
RESET Output Allows Use with Multiple Supplies


Similar Part No. - MAX6421US46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6421US__+T MAXIM-MAX6421US__+T Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6421US__-T MAXIM-MAX6421US__-T Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6421US__-T MAXIM-MAX6421US__-T Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
More results

Similar Description - MAX6421US46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
   關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com