Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6427__UR-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6427__UR-T
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6427__UR-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6427__UR-T Datasheet HTML 3Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 4Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 9Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 10Page - Maxim Integrated Products MAX6427__UR-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
_______________________________________________________________________________________
7
Detailed Description
The MAX6427–MAX6438 family is available with several
monitoring options. The MAX6427/MAX6428/MAX6429
offer factory-trimmed battery-monitor thresholds, with a
single low-battery output (see Figure 1). The
MAX6430/MAX6431/MAX6432 also feature factory-
trimmed thresholds, but have two low-battery outputs
(see Figure 2). The factory-trimmed thresholds of the
MAX6427–MAX6432 eliminate the requirement for
external components.
The user sets the threshold voltages for the
MAX6433–MAX6438, which permit the user to select
the hysteresis range, and consequently the sensitivity
of the system to noise. A wide hysteresis range pre-
vents chattering that can result during battery recovery
or load removal. The MAX6433/MAX6434/ MAX6435
have single low-battery outputs and the MAX6436/
MAX6437/MAX6438 have dual low-battery outputs (see
Figures 3 and 4).
The MAX6427–MAX6438 combine a 615mV reference
with two comparators, logic, and timing circuitry to pro-
vide the user with information about the charge state of
the power-supply batteries. The MAX6427–MAX6438
monitor separate high-voltage and low-voltage thresh-
olds to determine battery status. The output(s) can be
used to signal when the battery is charged, when the
battery is low, and when the battery is empty. Factory-
trimmed thresholds are ideal for monitoring single-cell
Li+ or multicell alkaline/NiCd/NiMH power supplies.
User-programmable versions are also available with
thresholds determined using an external resistor-
divider (see Resistor-Value Selection).The adjustable
versions can monitor down to 0.62V, making them suit-
able for monitoring single-cell alkaline, NiMH, and NiCd
applications (VDD
≥ 1.6V).
When the power-supply voltage drops below the speci-
fied low threshold, the low-battery output asserts (see
Low-Battery Output). When the voltage rises above the
specified high threshold following a 140ms (min) time-
out period, the low-battery output is deasserted (see
Threshold Monitoring). This ensures the supply voltage
has stabilized before power-converter or microproces-
sor activity is enabled.
Low-Battery Output
The low-battery outputs are available in active-low
(LBO, LBOH, LBOL, push-pull and open-drain) and
active-high (LBO, LBOL, LBOH, open-drain) configura-
tions. Push-pull outputs are referenced to BATT (for
factory-trimmed versions) or VDD (for adjustable thresh-
old versions).
The open-drain devices can be pulled to a voltage inde-
pendent of VDD or BATT, up to 5.5V. This allows the
R
S
Q
LBO TIMEOUT
PERIOD
VBATT
VBATT
( ) ARE FOR THE MAX6429
615
mV
+
-
Q
LBO
(LBO)
Figure 1. MAX6427/MAX6428/MAX6429 Functional Diagram


Similar Part No. - MAX6427__UR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
More results

Similar Description - MAX6427__UR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
   Battery Pack Monitors
Rev. SpA
logo
Linear Technology
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com