Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37A73 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRF37A73
Description  TRF37A73 1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37A73 Datasheet(HTML) 2 Page - Texas Instruments

  TRF37A73_15 Datasheet HTML 1Page - Texas Instruments TRF37A73_15 Datasheet HTML 2Page - Texas Instruments TRF37A73_15 Datasheet HTML 3Page - Texas Instruments TRF37A73_15 Datasheet HTML 4Page - Texas Instruments TRF37A73_15 Datasheet HTML 5Page - Texas Instruments TRF37A73_15 Datasheet HTML 6Page - Texas Instruments TRF37A73_15 Datasheet HTML 7Page - Texas Instruments TRF37A73_15 Datasheet HTML 8Page - Texas Instruments TRF37A73_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TRF37A73
SLASE39 – MAY 2014
www.ti.com
Table of Contents
7.2
Functional Block Diagram ......................................... 8
1
Features .................................................................. 1
7.3
Feature Description................................................... 8
2
Applications ........................................................... 1
7.4
Device Functional Modes.......................................... 8
3
Description ............................................................. 1
8
Applications and Implementation ........................ 9
4
Revision History..................................................... 2
8.1
Application Information.............................................. 9
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application ................................................... 9
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 10
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 11
6.2
Handling Ratings....................................................... 4
10.1
Layout Guidelines ................................................. 11
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 11
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 12
6.5
Electrical Characteristics........................................... 5
11.1
Trademarks ........................................................... 12
6.6
Timing Requirements ................................................ 5
11.2
Electrostatic Discharge Caution ............................ 12
6.7
Typical Characteristics .............................................. 6
11.3
Glossary ................................................................ 12
7
Detailed Description .............................................. 8
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................... 8
Information ........................................................... 12
4 Revision History
DATE
REVISION
NOTES
May 2014
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TRF37A73


Similar Part No. - TRF37A73_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A73IDSGR TI1-TRF37A73IDSGR Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGT TI1-TRF37A73IDSGT Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results

Similar Description - TRF37A73_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com