Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF37A73 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37A73
Description  TRF37A73 1-6000 MHz RF Gain Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF37A73 Datasheet(HTML) 1 Page - Texas Instruments

  TRF37A73 Datasheet HTML 1Page - Texas Instruments TRF37A73 Datasheet HTML 2Page - Texas Instruments TRF37A73 Datasheet HTML 3Page - Texas Instruments TRF37A73 Datasheet HTML 4Page - Texas Instruments TRF37A73 Datasheet HTML 5Page - Texas Instruments TRF37A73 Datasheet HTML 6Page - Texas Instruments TRF37A73 Datasheet HTML 7Page - Texas Instruments TRF37A73 Datasheet HTML 8Page - Texas Instruments TRF37A73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2
3
4
8
7
6
5
C1
1000pF
L1
RF choke
100nH
C2
1000pF
VCC
PWDN
VCC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TRF37A73
SLASE39 – MAY 2014
TRF37A73 1-6000 MHz RF Gain Block
1 Features
3 Description
The TRF37A73 is packaged in a 2.00mm x 2.00mm
1
1 MHz – 6000 MHz
WSON with a power down pin feature making it ideal
Gain: 12 dB
for applications where space and low power modes
Noise Figure: 4.5 dB
are critical.
Output P1dB: 14.5 dBm at 2000 MHz
The TRF37A73 is designed for ease of use. For
Output IP3: 28.5 dBm at 2000 MHz
maximum flexibility, this family of parts uses a
common 3.3 V supply and consumes 55 mA. In
Power Down Mode
addition, this family was designed with an active bias
Single Supply: 3.3 V
circuit that provides a stable and predictable bias
Stabilized Performance Over Temperature
current
over
process,
temperature
and
voltage
variations. For gain and linearity budgets the device
Unconditionally Stable
was designed to provide a flat gain response and
Robust ESD: >1 kV HBM; >1 kV CDM
excellent
OIP3
out
to
6000
MHz.
For
space
constrained applications, this family is internally
2 Applications
matched to 50
Ω, which simplifies ease of use and
General Purpose RF Gain Block
minimizes needed PCB area.
Consumer
Device Information(1)
Industrial
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Utility Meters
TRF37A73
WSON (32)
2.00mm x 2.00mm
Low-cost Radios
(1) For all available packages, see the orderable addendum at
Cellular Base Station
the end of the datasheet.
Wireless Infrastructure
Simplified Schematic
RF Backhaul
Radar
Electronic Warfare
Software-defined Radio
Test and Measurement
Point-to-Point/Multipoint Microwave
Software Defined Radios
RF Repeaters
Distributed Antenna Systems
LO and PA Driver Amplifier
Wireless Data, Satellite, DBS, CATV
IF Amplifier
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TRF37A73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGR TI1-TRF37A73IDSGR Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73IDSGT TI1-TRF37A73IDSGT Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results

Similar Description - TRF37A73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37D73 1-6000 MHz RF Gain Block
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
[Old version datasheet]   TRF37B73 1-6000 MHz RF Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
   DC ??6000 MHz InGaP HBT Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
AVT-54689 AVAGO-AVT-54689 Datasheet
579Kb / 11P
   50 ??6000 MHz InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com