Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6195CESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6195CESA
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6195CESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6195CESA Datasheet HTML 6Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 7Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 8Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 9Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 10Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 11Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 12Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 13Page - Maxim Integrated Products MAX6195CESA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(VIN = 5V for MAX6190/1/2/3/4/8, VIN = 5.5V for MAX6195; IOUT = 0; TA = +25°C; unless otherwise noted.) (Note 5)
IOUT
40
µA/div
+25
µA
-25
µA
VOUT
20mV/div
10
µs/div
MAX6190
LOAD-TRANSIENT RESPONSE
MAX6190 toc19
IOUT =
±25µA, AC-COUPLED
IOUT
50
µA/div
VOUT
50mV/div
20
µs/div
MAX6195
LOAD-TRANSIENT RESPONSE
VIN = 5.5V, IOUT =
±25µA, AC-COUPLED
VIN
2V/div
VOUT
2V/div
10
µs/div
MAX6195
TURN-ON TRANSIENT
+500
µA
-500
µA
VOUT
0.2V/div
IOUT
1mA/div
10
µs/div
MAX6190
LOAD-TRANSIENT RESPONSE
MAX6190 toc22
IOUT =
±500µA, AC-COUPLED
VIN
200mV/div
VOUT
100mV/div
2
µs/div
VIN = 5.5V
±0.25V, AC-COUPLED
MAX6195
LINE-TRANSIENT RESPONSE
IOUT
00
µA/div
VOUT
00mV/div
20
µs/div
MAX6195
LOAD-TRANSIENT RESPONSE
VIN = 5.5V, IOUT =
±500µA, AC-COUPLED
VIN
200mV/div
VOUT
100mV/div
2.5
µs/div
VIN = 5V
±0.25V, AC-COUPLED
MAX6190
LINE-TRANSIENT RESPONSE
Note 5: Many of the Typical Operating Characteristics of the MAX6190 family are
extremely similar. The extremes of these characteristics are found in the
MAX6190 (1.2V output) and the MAX6195 (5.0V output) devices. The Typical
Operating Characteristics of the remainder of the MAX6190 family typically lie
between these two extremes and can be estimated based on their output
voltage.


Similar Part No. - MAX6195CESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6195 MAXIM-MAX6195 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
More results

Similar Description - MAX6195CESA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
   Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
   Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com