Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S19311 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S19311
Description  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19311 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S19311 Datasheet HTML 2Page - Seiko Instruments Inc S19311 Datasheet HTML 3Page - Seiko Instruments Inc S19311 Datasheet HTML 4Page - Seiko Instruments Inc S19311 Datasheet HTML 5Page - Seiko Instruments Inc S19311 Datasheet HTML 6Page - Seiko Instruments Inc S19311 Datasheet HTML 7Page - Seiko Instruments Inc S19311 Datasheet HTML 8Page - Seiko Instruments Inc S19311 Datasheet HTML 9Page - Seiko Instruments Inc S19311 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
S-19311 Series
Rev.1.0_01
Seiko Instruments Inc.
6
Absolute Maximum Ratings
Table 5
(Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 45.0
V
VOUT pin voltage
VOUT
VSS
− 0.3 to VIN + 0.3 ≤ VSS + 7.0
V
DLY pin voltage
VDLY
VSS
− 0.3 to VOUT + 0.3 ≤ VSS + 7.0
V
RO pin voltage
VRO
VSS
− 0.3 to VOUT + 0.3 ≤ VSS + 7.0
V
Output current
IOUT
260
mA
Junction temperature
Tj
−40 to +150
°C
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 6
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal
resistance
*1
θja
TO-252-5S(A)
Board 1
86
°C/W
Board 2
60
°C/W
Board 3
38
°C/W
Board 4
31
°C/W
Board 5
28
°C/W
HSOP-8A
Board 1
104
°C/W
Board 2
74
°C/W
Board 3
39
°C/W
Board 4
37
°C/W
Board 5
31
°C/W
*1.
Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Thermal Characteristics" for details of power dissipation and test board.


Similar Part No. - S19311

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S19-501 HARWIN-S19-501 Datasheet
58Kb / 1P
   1.90mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
logo
Fujitsu Component Limit...
S190 FUJITSU-S190 Datasheet
108Kb / 4P
   BUSINESS SERVERS
S190-100 FUJITSU-S190-100 Datasheet
108Kb / 4P
   BUSINESS SERVERS
S190-120 FUJITSU-S190-120 Datasheet
108Kb / 4P
   BUSINESS SERVERS
S190-140 FUJITSU-S190-140 Datasheet
108Kb / 4P
   BUSINESS SERVERS
More results

Similar Description - S19311

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57P1 SII-S57P1 Datasheet
396Kb / 16P
   FOR AUTOMOTIVE 150C OPERATION HIGH-WITHSTAND VOLTAGE
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com