Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S19610A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S19610A
Description  FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19610A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S19610A Datasheet HTML 1Page - Seiko Instruments Inc S19610A Datasheet HTML 2Page - Seiko Instruments Inc S19610A Datasheet HTML 3Page - Seiko Instruments Inc S19610A Datasheet HTML 4Page - Seiko Instruments Inc S19610A Datasheet HTML 5Page - Seiko Instruments Inc S19610A Datasheet HTML 6Page - Seiko Instruments Inc S19610A Datasheet HTML 7Page - Seiko Instruments Inc S19610A Datasheet HTML 8Page - Seiko Instruments Inc S19610A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MINI ANALOG SERIES FOR AUTOMOTIVE 125°C OPERATION CMOS OPERATIONAL AMPLIFIER
Rev.1.0_00
S-19610A
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
Input voltage
VIN(+), VIN(-)
VSS
− 0.3 to VSS + 7.0
V
Output voltage
VOUT
VSS
− 0.3 to VDD + 0.3
V
Differential input voltage
VIND
±7.0
V
Output pin current
ISOURCE
20.0
mA
ISINK
20.0
mA
Operating ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−55 to +150
°C
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 5
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
TMSOP-8
Board 1
160
°C/W
Board 2
133
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Thermal Characteristics" for details of power dissipation and test board.


Similar Part No. - S19610A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19611A SII-S19611A Datasheet
1Mb / 20P
   MINI ANALOG SERIES FOR AUTOMOTIVE 105C OPERATION
More results

Similar Description - S19610A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35720 SII-S35720 Datasheet
927Kb / 21P
   FOR AUTOMOTIVE 125C OPERATION
S35710 SII-S35710 Datasheet
1Mb / 33P
   FOR AUTOMOTIVE 125C OPERATION 2-WIRE
S19311 SII-S19311 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19400 SII-S19400 Datasheet
1Mb / 29P
   FOR AUTOMOTIVE 125C OPERATION LOW CURRENT CONSUMPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com