Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S19611A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S19611A
Description  MINI ANALOG SERIES FOR AUTOMOTIVE 105C OPERATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19611A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S19611A Datasheet HTML 2Page - Seiko Instruments Inc S19611A Datasheet HTML 3Page - Seiko Instruments Inc S19611A Datasheet HTML 4Page - Seiko Instruments Inc S19611A Datasheet HTML 5Page - Seiko Instruments Inc S19611A Datasheet HTML 6Page - Seiko Instruments Inc S19611A Datasheet HTML 7Page - Seiko Instruments Inc S19611A Datasheet HTML 8Page - Seiko Instruments Inc S19611A Datasheet HTML 9Page - Seiko Instruments Inc S19611A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MINI ANALOG SERIES FOR AUTOMOTIVE 105°C OPERATION LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-19611A
Rev.1.0_00
Seiko Instruments Inc.
6
Electrical Characteristics
Table 6
DC Electrical Characteristics
(VDD = 5.0 V, Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Operation power supply
voltage range
VDD
Ta =
−40°C to +105°C
2.65
5.00
5.50
V
Current consumption
(2 circuits)
IDD
VCMR = VOUT = VDD / 2,
Ta =
−40°C to +105°C
400
600
μA
5
Input offset voltage
VIO
VCMR = VDD / 2
−17
±1
+17
μV
1
VCMR = VDD / 2,
Ta =
−40°C to +105°C
−100
±1
+100
μV
1
Input offset voltage drift
Ta
VIO
Δ
Δ
VCMR = VDD / 2,
Ta =
−40°C to +105°C
±0.1
μV/°C1
Input offset current
IIO
±140
pA
Ta =
−40°C to +105°C
±300
pA
Input bias current
IBIAS
±70
pA
Ta =
−40°C to +105°C
±3000
pA
Common-mode
input voltage range
VCMR
Ta =
−40°C to +105°C
VSS
− 0.1
VDD
+ 0.1
V
2
Voltage gain (open loop)
AVOL
VSS
+ 0.1 V ≤ VOUT ≤ VDD − 0.1 V,
VCMR = VDD / 2, RL = 10 k
Ω,
Ta =
−40°C to +105°C
106
130
dB
8
Maximum output swing voltage
VOH
RL = 10 k
Ω,
Ta =
−40°C to +105°C
4.9
V
3
VOL
RL = 10 k
Ω,
Ta =
−40°C to +105°C
0.1
V
4
Common-mode input
signal rejection ratio
CMRR
VSS
− 0.1 V ≤ VCMR ≤ VDD + 0.1 V,
Ta =
−40°C to +105°C
100
130
dB
2
Power supply voltage
rejection ratio
PSRR
VDD = 2.65 V to 5.50 V,
Ta =
−40°C to +105°C
95
120
dB
1
Source current
ISOURCE
VOUT = VDD
− 0.1 V,
Ta =
−40°C to +105°C
0.8
2.5
mA
6
Sink current
ISINK
VOUT = 0.1 V,
Ta =
−40°C to +105°C
1.0
2.9
mA
7
Table 7
AC Electrical Characteristics
(VDD = 5.0 V, Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Slew rate
SR
RL = 1.0 M
Ω, CL = 15 pF
(Refer to Figure 11)
0.22
V/
μs
Gain-bandwidth product
GBP
CL = 0 pF
320
kHz


Similar Part No. - S19611A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19610A SII-S19610A Datasheet
782Kb / 18P
   FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S19611A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S93C46B SII-S93C46B Datasheet
474Kb / 34P
   FOR AUTOMOTIVE 105C OPERATION
S24C16C SII-S24C16C Datasheet
488Kb / 35P
   FOR AUTOMOTIVE 105C OPERATION
S93C76A SII-S93C76A Datasheet
418Kb / 28P
   FOR AUTOMOTIVE 105C OPERATION
S24C08C SII-S24C08C Datasheet
500Kb / 35P
   FOR AUTOMOTIVE 105C OPERATION
S35390A SII-S35390A Datasheet
711Kb / 51P
   FOR AUTOMOTIVE 105C OPERATION
S93C86B SII-S93C86B Datasheet
381Kb / 28P
   FOR AUTOMOTIVE 105C OPERATION
S35190A SII-S35190A Datasheet
733Kb / 51P
   FOR AUTOMOTIVE 105C OPERATION
S25C010A SII-S25C010A Datasheet
408Kb / 33P
   105C OPERATION
S25C080A SII-S25C080A Datasheet
425Kb / 31P
   105C OPERATION
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com