Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S19611A Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S19611A
Description  MINI ANALOG SERIES FOR AUTOMOTIVE 105C OPERATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19611A Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S19611A Datasheet HTML 6Page - Seiko Instruments Inc S19611A Datasheet HTML 7Page - Seiko Instruments Inc S19611A Datasheet HTML 8Page - Seiko Instruments Inc S19611A Datasheet HTML 9Page - Seiko Instruments Inc S19611A Datasheet HTML 10Page - Seiko Instruments Inc S19611A Datasheet HTML 11Page - Seiko Instruments Inc S19611A Datasheet HTML 12Page - Seiko Instruments Inc S19611A Datasheet HTML 13Page - Seiko Instruments Inc S19611A Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MINI ANALOG SERIES FOR AUTOMOTIVE 105°C OPERATION LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
S-19611A
Rev.1.0_00
Seiko Instruments Inc.
10
8. Voltage gain
RF
RS
RS
RF
+
VCMR = VDD / 2
RL
VOUT
VM
VDD / 2
VDD
+
VDDN
VSSN
NULL
D.U.T
CF
CF
• Voltage gain (open loop) (AVOL)
The voltage gain (AVOL) can be calculated by the
following expression, with VOUT measured at
each VM.
Test conditions:
VM = VDD
− 0.1 V: VM = VM1, VOUT = VOUT1
VM = 0.1 V: VM = VM2, VOUT = VOUT2
AVOL = 20 log
VM1
− VM2
VOUT1
− VOUT2 ×
RF
+ RS
RS
RL = 10 k
Ω
Figure 10 Test Circuit 8
9. Slew rate
Measured by the voltage follower circuit.
VDD
VSS
(= 0 V)
tTHL
VDD
× 0.9
tR = tF = 20 ns (VSS to VDD)
tTLH
VDD
× 0.1
When rising
TLH
DD
t
8
.
0
V
SR
×
=
When falling
THL
DD
t
8
.
0
V
SR
×
=
VIN(+)
VOUT
(= VIN(-))
• Slew rate (SR)
Figure 11


Similar Part No. - S19611A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19610A SII-S19610A Datasheet
782Kb / 18P
   FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S19611A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S93C46B SII-S93C46B Datasheet
474Kb / 34P
   FOR AUTOMOTIVE 105C OPERATION
S24C16C SII-S24C16C Datasheet
488Kb / 35P
   FOR AUTOMOTIVE 105C OPERATION
S93C76A SII-S93C76A Datasheet
418Kb / 28P
   FOR AUTOMOTIVE 105C OPERATION
S24C08C SII-S24C08C Datasheet
500Kb / 35P
   FOR AUTOMOTIVE 105C OPERATION
S35390A SII-S35390A Datasheet
711Kb / 51P
   FOR AUTOMOTIVE 105C OPERATION
S93C86B SII-S93C86B Datasheet
381Kb / 28P
   FOR AUTOMOTIVE 105C OPERATION
S35190A SII-S35190A Datasheet
733Kb / 51P
   FOR AUTOMOTIVE 105C OPERATION
S25C010A SII-S25C010A Datasheet
408Kb / 33P
   105C OPERATION
S25C080A SII-S25C080A Datasheet
425Kb / 31P
   105C OPERATION
S19104 SII-S19104 Datasheet
2Mb / 40P
   FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com