Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK6E4R0-75C Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK6E4R0-75C
Description  N-channel TrenchMOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6E4R0-75C Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK6E4R0-75C_15 Datasheet HTML 1Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 2Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 3Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6E4R0-75C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Intermediate level gate drive N-channel enhancement mode Field-Effect Transistor (FET)
in a plastic package using advanced TrenchMOS technology. This product has been
designed and qualified to the appropriate AEC Q101 standard for use in high performance
automotive applications.
1.2 Features and benefits
AEC Q101 compliant
Suitable for intermediate level gate
drive sources
Suitable for thermally demanding
environments due to 175 °C rating
1.3 Applications
12 V Automotive systems
Electric and electro-hydraulic power
steering
Motors, lamps and solenoid control
Start-Stop micro-hybrid applications
Transmission control
Ultra high performance power
switching
1.4 Quick reference data
BUK6E4R0-75C
N-channel TrenchMOS FET
Rev. 02 — 30 August 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
75
V
ID
drain current
VGS =10V; Tmb =25°C;
see Figure 1
[1]
--120
A
Ptot
total power
dissipation
Tmb =25°C; see Figure 2
--306
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A;
Tj = 25 °C; see Figure 11
-3.6
4.2
m


Similar Part No. - BUK6E4R0-75C_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK6E4R0-75C NEXPERIA-BUK6E4R0-75C Datasheet
760Kb / 14P
   N-channel TrenchMOS FET
More results

Similar Description - BUK6E4R0-75C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
   N-channel TrenchMOS FET
Rev. 03-25 February 2008
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK6211-75C PHILIPS-BUK6211-75C_15 Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
logo
NXP Semiconductors
BUK9506-55B NXP-BUK9506-55B Datasheet
195Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com