Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6430 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6430
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6430 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6430 Datasheet HTML 1Page - Maxim Integrated Products MAX6430 Datasheet HTML 2Page - Maxim Integrated Products MAX6430 Datasheet HTML 3Page - Maxim Integrated Products MAX6430 Datasheet HTML 4Page - Maxim Integrated Products MAX6430 Datasheet HTML 5Page - Maxim Integrated Products MAX6430 Datasheet HTML 6Page - Maxim Integrated Products MAX6430 Datasheet HTML 7Page - Maxim Integrated Products MAX6430 Datasheet HTML 8Page - Maxim Integrated Products MAX6430 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(BATT = 1.0V to 5.5V or VDD = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT, VDD to GND ................................................-0.3V to +6.0V
HTHIN, LTHIN Inputs to GND.....................-0.3V to (VDD + 0.3V)
Open-Drain LBO/LBO, LBOH/LBOH,
LBOL/LBOL to GND .........................................-0.3V to +6.0V
Push-Pull LBO/LBO, LBOH/LBOH,
LBOL/LBOL to GND ................-0.3V to (BATT or VDD + 0.3V)
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23-3 (derate 4.0mW/°C above +70°C) .......320mW
4-Pin SOT143-4 (derate 4.0mW/°C above +70°C) .....320mW
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) .......571mW
6-Pin SOT23-6 (derate 8.7mW/°C above +70°C) .......696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = -40
°C to +85°C
1.2
5.5
Operating Voltage Range
VBATT
TA = 0
°C to +70°C
1.0
5.5
V
Operating Voltage Range
VDD
TA = -40
°C to +85°C
1.6
5.5
V
BATT Supply Current
IBATT
VBATT = 3.7V, no load (MAX6427–MAX6432)
1
1.5
µA
VDD Supply Current
IDD
VDD = 3.7V, no load
(MAX6433–MAX6438)
1
1.5
µA
FACTORY-FIXED THRESHOLDS (MAX6427–MAX6432)
HTH Threshold
(Note 2)
VHTH
Factory-fixed options, BATT rising,
LBO deasserted when BATT rises above
VHTH (MAX6427/MAX6428/MAX6429)
-2.5
+2.5
%
LTH Threshold
(Note 2)
VLTH
Factory-fixed options, BATT falling,
LBO asserted when BATT falls below VLTH
(MAX6427/MAX6428/MAX6429)
-2.5
+2.5
%
HTH- Threshold
(Note 2)
VHTH-
Factory-fixed options, BATT falling, LBOH
asserted when BATT falls below VHTH-
(MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%
HTH+ Threshold
(Note 3)
VHTH+
Factory-fixed options, BATT rising,
LBOH deasserted when BATT rises above
VHTH+ (MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%
LTH- Threshold
(Note 2)
VLTH-
Factory-fixed options, BATT falling,
LBOL asserted when BATT falls below VLTH-
(MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%
LTH+ Threshold
(Note 3)
VLTH+
Factory-fixed options, BATT rising,
LBOL deasserted when BATT rises above
VLTH+ (MAX6430/MAX6431/MAX6432)
-2.5
+2.5
%


Similar Part No. - MAX6430

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6430US-T MAXIM-MAX6430US-T Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
More results

Similar Description - MAX6430

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
   Battery Pack Monitors
Rev. SpA
logo
Linear Technology
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
   Multicell Battery Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com