Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6455 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6455
Description  uP Supervisors with Separate VCC Reset and Manual Reset Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6455 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6455 Datasheet HTML 2Page - Maxim Integrated Products MAX6455 Datasheet HTML 3Page - Maxim Integrated Products MAX6455 Datasheet HTML 4Page - Maxim Integrated Products MAX6455 Datasheet HTML 5Page - Maxim Integrated Products MAX6455 Datasheet HTML 6Page - Maxim Integrated Products MAX6455 Datasheet HTML 7Page - Maxim Integrated Products MAX6455 Datasheet HTML 8Page - Maxim Integrated Products MAX6455 Datasheet HTML 9Page - Maxim Integrated Products MAX6455 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
µP Supervisors with Separate VCC Reset and
Manual Reset Outputs
6
_______________________________________________________________________________________
Detailed Description
Reset Output
The reset output is typically connected to the reset
input of a microprocessor (µP). A µP’s reset input starts
or restarts the µP in a known state. The MAX6453–
MAX6456 µP supervisory circuits provide the reset
logic to prevent code-execution errors during power-
up, power-down and brownout conditions (see the
Typical Operating Circuit).
RESET changes from high to low whenever the moni-
tored voltage (RSTIN or VCC) drops below the reset
threshold voltages. When VRSTIN and VCC exceed their
respective reset threshold voltages,
RESET remains low
for the reset timeout period, and then goes high.
RESET
changes from high to low after
MR input is held low for
the 3.36s (typ) setup period and deasserts 140ms (min)
after
MR deasserts.
RESET is guaranteed to be in the proper output logic
state for VCC inputs
≥ 1V. For applications requiring valid
reset logic when VCC is less than 1V, see the Ensuring a
Valid
RESET Output Down to VCC = 0V section.
Manual Reset
The MAX6453/MAX6454 contain a manual reset output
(
MROUT) that asserts low immediately after driving MR
low and remains low for the reset timeout period after
MR goes high (Figure 1). The pushbutton manual reset
has no effect on the
RESET output. MROUT output can
be used to drive an NMI (nonmaskable interrupt) on the
processor to save valuable data.
The MAX6455/MAX6456’s
MROUT is asserted immedi-
ately upon driving
MR low. Driving MR low for longer
than the 3.36s (typ) setup period asserts
RESET. When
MR is deasserted, MROUT and RESET remain asserted
low for the reset timeout period after
MR goes high
(Figure 2).
Adjustable Input Voltage (RSTIN)
The MAX6453–MAX6456 monitor the voltage on RSTIN
using an adjustable reset threshold set with an external
resistor voltage divider (Figure 3). Use the following for-
mula to calculate the externally monitored voltage
(VMON-TH):
VMON-TH = VTH-RSTIN (R1 +R2) / R2
where VMON_TH is the desired reset threshold voltage
and VTH-RSTIN is the reset input threshold (0.63V).
Resistors R1 and R2 can have very high values to mini-
mize current consumption due to low leakage currents.
Set R2 to some conveniently high value (250k
Ω, for
example) and calculate R1 based on the desired reset
threshold voltage, using the following formula:
R1 = R2 (VMON_TH / VTH - 1)
210ms
MROUT
RESET
MR
LONG SETUP PERIOD, 3.36s
Figure 2. MAX6455/MAX6456 Timing Diagram
210ms
MROUT
MR
Figure 1. MAX6453/MAX6454 Timing Diagram


Similar Part No. - MAX6455

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6455UT MAXIM-MAX6455UT Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6455UT16S MAXIM-MAX6455UT16S Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
MAX6455UT23S MAXIM-MAX6455UT23S Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
MAX6455UT26S MAXIM-MAX6455UT26S Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
MAX6455UT29S MAXIM-MAX6455UT29S Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
More results

Similar Description - MAX6455

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
logo
IMP, Inc
IMP1834 IMP-IMP1834 Datasheet
245Kb / 8P
   Dual 5V and 3.3V uP Power Supply Supervisors w/Manual Reset
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com