Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27201A-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC27201A-Q1
Description  UCC27201A-Q1 120-V, 3-A Peak, High-Frequency, High-Side/Low-Side Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27201A-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27201A-Q1_15 Datasheet HTML 5Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 6Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 7Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 8Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 9Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 10Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 11Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 12Page - Texas Instruments UCC27201A-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
0
4
12
20
VDD, VHB - Supply Voltage - V
0
300
400
700
8
16
100
200
500
600
IDD
IHB
0.5
0.6
0.9
Diode Voltage - V
0.001
0.01
0.1
1.0
10.0
100.0
0.7
0.8
0
4
6
10
VLO, VHO - Output Voltage - V
0
1.5
2.0
3.5
8
12
0.5
1.0
2.5
3.0
Pull-Down Current
Pull-Up Current
2
UCC27201A-Q1
www.ti.com
SLUSC72 – MAY 2015
Typical Characteristics (continued)
VDD = VHB = 12 V
Figure 15. Diode Current vs Diode Voltage
Figure 14. Output Current vs Output Voltage
Inputs Low
T = 25°C
Figure 16. Quiescent Current vs Supply Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27201A-Q1


Similar Part No. - UCC27201A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201A-Q1 TI1-UCC27201A-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   120-V, 3-A Peak, High-Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27201A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201A-Q1 TI1-UCC27201A-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   120-V, 3-A Peak, High-Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com