Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6333UR18D3-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6333UR18D3-T
Description  3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6333UR18D3-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6333UR18D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6333UR18D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6333UR18D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6333UR18D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6333UR18D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6333UR18D3-T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3-Pin, Ultra-Low-Voltage, Low-Power
µP Reset Circuits
_______________________________________________________________________________________
3
2.0
2.6
2.2
3.0
3.6
3.8
3.4
3.2
4.0
-60
2.4
-40
-20
0
2.8
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
RESET NOT ASSERTED
VCC = 1.8V
VCC = 2.5V
0.950
0.990
0.970
1.000
1.030
1.040
1.020
1.010
1.050
-60
-40
0.980
-20
0
0.960
20
40
60
80
100
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
VTH = 2.2V
10
20
-20
40
30
70
60
50
80
-60
0
-40
20
40
60
80
100
VCC FALLING PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VCC FALLING AT 10V/ms
VCC FALLING AT 1V/ms
100
1000
0
100
200
400
300
500
600
0.1
1
10
MAXIMUM TRANSIENT DURATION
vs. RESET COMPARATOR OVERDRIVE
RESET COMPARATOR OVERDRIVE (mV)
RESET OCCURS
RESET DOES
NOT OCCUR
0
40
20
80
60
100
120
140
160
0.5
1.0 1.25
0.75
1.5 1.75 2.0 2.25 2.5
OUTPUT VOLTAGE HIGH
vs. SUPPLY VOLTAGE
VCC (V)
VTH = 2.2V
ISOURCE = 100
µA
RESET ASSERTED
TA = -40°C
TA = +85°C
TA = +25°C
0
20
10
30
60
70
50
40
80
0.5
1.00
1.50
2.00
2.50
3.00
OUTPUT VOLTAGE LOW
vs. SUPPLY VOLTAGE
VCC (V)
VTH = 2.5V
ISINK = 500µA
RESET ASSERTED
TA = -40°C
TA = +85°C
TA = +25°C
Typical Operating Characteristics
(Reset not asserted, TA = +25°C, unless otherwise noted.)
Pin Description
NAME
GND
MAX6332
Ground
1
MAX6333
MAX6334
FUNCTION
1
RESET
2
Active-Low Reset Output. RESET remains low while VCC is below the reset
threshold and for a reset timeout period (tRP) after VCC rises above the
reset threshold. RESET on the MAX6334 is open-drain.
2
RESET
Active-High Reset Output. RESET remains high while VCC is below the
reset threshold and for a reset timeout period (tRP) after VCC rises above
the reset threshold.
3
VCC
3
Supply Voltage (0.7V to 5.5V)
PIN


Similar Part No. - MAX6333UR18D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6333UR18D3-T MAXIM-MAX6333UR18D3-T Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
More results

Similar Description - MAX6333UR18D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com