Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S35720 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 2Page - Seiko Instruments Inc S35720 Datasheet HTML 3Page - Seiko Instruments Inc S35720 Datasheet HTML 4Page - Seiko Instruments Inc S35720 Datasheet HTML 5Page - Seiko Instruments Inc S35720 Datasheet HTML 6Page - Seiko Instruments Inc S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc S35720 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
S-35720 Series
Rev.1.0_00
Seiko Instruments Inc.
6
Equivalent Circuits of Pins
SET0, SET1
Figure 3 SET0 Pin, SET1 Pin
RST
_______
Figure 4 RST
_______
Pin (With Pull-up Resistor)
RST
_______
Figure 5 RST
_______
Pin (Without Pull-up Resistor)
INT
Figure 6 INT Pin (Nch Open-drain Output)
INT
Figure 7 INT Pin (CMOS Output)


Similar Part No. - S35720

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35710 SII-S35710 Datasheet
1Mb / 33P
   FOR AUTOMOTIVE 125C OPERATION 2-WIRE
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
logo
ABLIC Inc.
S35710MA ABLIC-S35710MA Datasheet
665Kb / 29P
   AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
Rev.2.1_00
logo
Seiko Instruments Inc
S35730 SII-S35730 Datasheet
1Mb / 20P
   FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
More results

Similar Description - S35720

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S25A640 SII-S25A640 Datasheet
507Kb / 32P
   FOR AUTOMOTIVE 125C OPERATION
S25A010 SII-S25A010 Datasheet
509Kb / 35P
   FOR AUTOMOTIVE 125C OPERATION
S25A128B SII-S25A128B Datasheet
435Kb / 26P
   FOR AUTOMOTIVE 125C OPERATION
S35710 SII-S35710 Datasheet
1Mb / 33P
   FOR AUTOMOTIVE 125C OPERATION 2-WIRE
S19311 SII-S19311 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19610A SII-S19610A Datasheet
782Kb / 18P
   FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19400 SII-S19400 Datasheet
1Mb / 29P
   FOR AUTOMOTIVE 125C OPERATION LOW CURRENT CONSUMPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com