Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27519A-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27519A-Q1
Description  Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27519A-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27519A-Q1 Datasheet HTML 1Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 2Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 3Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 4Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 5Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 6Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 7Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 8Page - Texas Instruments UCC27519A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC27518A-Q1, UCC27519A-Q1
www.ti.com
SLVSC90B – AUGUST 2013 – REVISED AUGUST 2015
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
20
V
DC
–0.3
VDD + 0.3
OUTA, OUTB voltage
V
Repetitive pulse < 200 ns(4)
–2
VDD + 0.3
Output continuous current
IOUT_DC (source/sink)
0.3
A
Output pulsed current (0.5 µs)
IOUT_pulsed (source/sink)
4
A
IN+, IN–, EN(5)
–6
20
V
Operating virtual junction temperature, TJ
–40
150
°C
Soldering, 10 s
300
Lead temperature
°C
Reflow
260
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
(3)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(4)
Values are verified by characterization on bench
(5)
Maximum voltage on input pins is not restricted by the voltage on the VDD pin.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2500
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
12
18
V
Input voltage, (IN+ and IN–) and enable (EN)
0
18
V
Operating ambient temperature
–40
140
°C
8.4 Thermal Information
UCC27518A-Q1
UCC27519A-Q1
THERMAL METRIC(1)
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
215.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
136.1
°C/W
RθJB
Junction-to-board thermal resistance
43.2
°C/W
ψJT
Junction-to-top characterization parameter
20.3
°C/W
ψJB
Junction-to-board characterization parameter
42.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27518A-Q1 UCC27519A-Q1


Similar Part No. - UCC27519A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27519 TI1-UCC27519 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results

Similar Description - UCC27519A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com