Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21091 Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21091
Description  HALF-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21091 Datasheet(HTML) 1 Page - International Rectifier

  IRS21091 Datasheet HTML 1Page - International Rectifier IRS21091 Datasheet HTML 2Page - International Rectifier IRS21091 Datasheet HTML 3Page - International Rectifier IRS21091 Datasheet HTML 4Page - International Rectifier IRS21091 Datasheet HTML 5Page - International Rectifier IRS21091 Datasheet HTML 6Page - International Rectifier IRS21091 Datasheet HTML 7Page - International Rectifier IRS21091 Datasheet HTML 8Page - International Rectifier IRS21091 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V, 5 V, and 15 V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High-side output in phase with IN input
Logic and power ground +/- 5 V offset
Internal 500 ns deadtime, and programmable
up to 5 µs with one external RDT resistor
Lower di/dt gate driver for better noise immunity
The dual function DT/SD input turns off both
channels
RoHS compliant
IRS21091(S)PbF
Data Sheet No. PD60311
VOFFSET
600 V max.
IO+/-
120 mA / 250 mA
VOUT
10 V - 20 V
ton/off (typ.)
750 ns & 200 ns
Deadtime
540 ns
Product Summary
www.irf.com
1
Description
The IRS21091 is a high voltage, high speed power
MOSFET and IGBT driver with dependent high- and
low-side referenced output channels. Proprietary
HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL output,
down to 3.3 V logic. The output drivers feature a
high pulse current buffer stage designed for minimum
driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in
the high-side configuration which operates up to 600 V.
(Refer to Lead Assignments for
correct configuration). These dia-
grams show electrical connec-
tions only. Please refer to our
Application Notes and DesignTips
for proper circuit board layout.
VCC
VB
V
S
HO
LO
COM
IN
DT/SD
DT/SD
IN
up to 600 V
TO
LOAD
VCC
Packages
8 Lead SOIC
IRS21091S
8 Lead PDIP
IRS21091


Similar Part No. - IRS21091

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS21091PBF INFINEON-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60311
logo
International Rectifier
IRS21091SPBF IRF-IRS21091SPBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS21091SPBF INFINEON-IRS21091SPBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60311
logo
International Rectifier
IRS21091STRPBF IRF-IRS21091STRPBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS21091

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com