Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28632 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28632
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28632 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28632_15 Datasheet HTML 1Page - Texas Instruments UCC28632_15 Datasheet HTML 2Page - Texas Instruments UCC28632_15 Datasheet HTML 3Page - Texas Instruments UCC28632_15 Datasheet HTML 4Page - Texas Instruments UCC28632_15 Datasheet HTML 5Page - Texas Instruments UCC28632_15 Datasheet HTML 6Page - Texas Instruments UCC28632_15 Datasheet HTML 7Page - Texas Instruments UCC28632_15 Datasheet HTML 8Page - Texas Instruments UCC28632_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
HV
VDD
DRV
1
2
3
4
8
6
5
VSENSE
SD
CS
GND
UCC28630
UCC28631
UCC28632, UCC28633
SLUSBW3C – MARCH 2014 – REVISED MARCH 2015
www.ti.com
6 Device Comparison Table
Table 1. Device Comparison Table
FEATURES
ACTIVE-X
ORDER NUMBER
OVERLOAD
ADJUSTABLE
FREQUENCY
SECONDARY-
CAPACITOR
TIMER
CC LIMIT
DITHER
SIDE WAKE UP
DISCHARGE
UCC28630D
Yes
Yes
No
Yes
SD Pin
UCC28631D
No
No
Yes
Yes
SD Pin
UCC28632D
No
No
Yes
No
SD Pin
UCC28633D
Yes
No
Yes
Yes
VSENSE Pin
7 Pin Configuration and Functions
7-Pin SOIC
Package D
(Top View)
PIN Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Sense pin for the flyback transformer bias and sense winding for output feedback regulation,
VSENSE
1
I
output OVP, and input voltage sense/UV protection
SD
2
I
Latching fault shutdown input pin. May be connected to an external temperature sensor
CS
3
I
Current sense input
GND
4
G
Ground reference connection for all signals
DRV
5
O
Output drive pin for the external flyback MOSFET
Bias supply input pin to the device. Decoupled with a 1-µF ceramic bypass capacitor,
VDD
6
P
connect directly across pins 6-4. Connect an additional hold-up capacitor charged from the
transformer auxiliary bias winding to this pin.
HV
8
P
High-voltage connection to the internal high-voltage start-up current source
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: UCC28630 UCC28631 UCC28632 UCC28633


Similar Part No. - UCC28632_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28632_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com