Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28700-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28700-Q1
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28700-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28700-Q1 Datasheet HTML 1Page - Texas Instruments UCC28700-Q1 Datasheet HTML 2Page - Texas Instruments UCC28700-Q1 Datasheet HTML 3Page - Texas Instruments UCC28700-Q1 Datasheet HTML 4Page - Texas Instruments UCC28700-Q1 Datasheet HTML 5Page - Texas Instruments UCC28700-Q1 Datasheet HTML 6Page - Texas Instruments UCC28700-Q1 Datasheet HTML 7Page - Texas Instruments UCC28700-Q1 Datasheet HTML 8Page - Texas Instruments UCC28700-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
D2
RCS
DRV
CS
CDD
VDD
GND
RS1
RS2
VS
Np
Ns
Na
RSTR
VAUX
VAC
CBC
RLC
UCC28700-Q1
SOT23-6
COUT
VOUT
Ns
RPL
VREG
CB2
VBLK
CB1
RCBC
D1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
UCC28700-Q1
SLUSC61 – JANUARY 2015
UCC28700-Q1 Constant-Voltage, Constant-Current Controller
With Primary-Side Regulation
1 Features
3 Description
The
UCC28700-Q1
of
flyback
power
supply
1
Qualified for Automotive Applications
controllers
provides
Constant-Voltage
(CV)
and
AEC-Q100 Qualified with the Following Results:
Constant-Current (CC) output regulation without the
Device Temperature Grade 1: –40°C to 125°C
use of an optical coupler. The devices process
information from the primary power switch and an
Device HBM Classification Level 2: ±2 kV
auxiliary flyback winding for precise control of output
Device CDM Classification Level C4B: 750 V
voltage and current. Low start-up current, dynamically
< 30-mW Standby Power Consumption
controlled operating states and a tailored modulation
profile support very low standby power without
Primary-Side Regulation (PSR) Eliminates Opto-
sacrificing start-up time or output transient response.
Coupler
±5% Voltage and Current Regulation
Control algorithms in the UCC28700-Q1 allows
operating efficiencies to meet or exceed applicable
130-kHz Maximum Switching Frequency
standards. The output drive interfaces to a MOSFET
Quasi-Resonant Valley-Switching Operation for
power
switch.
Discontinuous
Conduction
Mode
Highest Overall Efficiency
(DCM) with valley switching reduces switching losses.
Patent-Pending Frequency-Jitter Scheme to Ease
Modulation
of
switching
frequency
and
primary
EMI Compliance
current peak amplitude (FM and AM) keeps the
conversion efficiency high across the entire load and
Wide VDD Range Allows Small Bias Capacitor
line ranges.
Clamped Gate-Drive Output for MOSFET
The controllers have a maximum switching frequency
Protection Functions: Overvoltage, Low-Line, and
of 130 kHz and always maintain control of the peak-
Overcurrent
primary current in the transformer. Protection features
Programmable Cable Compensation
help
keep
primary
and
secondary
component
SOT23-6 Package
stresses in check. The UCC28700-Q1 allows the
level of cable compensation to be programmed.
2 Applications
Device Information(1)
Automotive AC-to-DC and DC-to-DC Power
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Conversion
UCC28700-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
Auxiliary Power Supply for Automotive Power
(1) For all available packages, see the orderable addendum at
Train in HEV
the end of the datasheet.
Flyback and Buck Power Converters
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC28700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700 Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700DBVR TI1-UCC28700DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700DBVR TI-UCC28700DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28700-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com