Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28633D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28633D
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28633D Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28633D Datasheet HTML 4Page - Texas Instruments UCC28633D Datasheet HTML 5Page - Texas Instruments UCC28633D Datasheet HTML 6Page - Texas Instruments UCC28633D Datasheet HTML 7Page - Texas Instruments UCC28633D Datasheet HTML 8Page - Texas Instruments UCC28633D Datasheet HTML 9Page - Texas Instruments UCC28633D Datasheet HTML 10Page - Texas Instruments UCC28633D Datasheet HTML 11Page - Texas Instruments UCC28633D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
UCC28630
UCC28631
UCC28632, UCC28633
SLUSBW3C – MARCH 2014 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics (continued)
over operating junction temperature range (unless otherwise noted) and VDD = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSENSE Pin (MAGNETIC SENSE)
Required positive voltage at
Internal output voltage sense
VOUT(ref)
VSENSE pin during off-time (at
7.425
7.500
7.575
V
reference level
25°C)
tOUT(smp)
Vsense sample delay for VOUT
Measured w.r.t. DRV falling edge
1.7
µs
Internal output voltage sense OVP
Measured w.r.t. regulation level,
VOUT(ovp)
120%
level
tracking
CURRENT SENSE (CS) Pin
VCS(max)
Peak CS pin voltage level
At maximum modulator demand
800
mV
VCS(min)
Peak CS pin voltage level
At minimum modulator demand
172
mV
VSLOPE
Slope compensation ramp
30
mV/µs
OVER TEMPERATURE PROTECTION
Thermal protection shutdown
Default internal setting, latch-off
TEMPTRIP
125
°C
temperature
protection
TEMPHYST Thermal protection hysteresis
10
°C
GATE DRIVE OUTPUT (DRV)
ROH
High level source resistance
IOH = 100 mA
22
35
Ω
ROL
Low level sink resistance
IOL = –100 mA
1.2
2.5
Ω
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: UCC28630 UCC28631 UCC28632 UCC28633


Similar Part No. - UCC28633D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28633D TI1-UCC28633D Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28633DR TI1-UCC28633DR Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28633D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com