Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6349YL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6349YL
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6349YL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6349YL Datasheet HTML 3Page - Maxim Integrated Products MAX6349YL Datasheet HTML 4Page - Maxim Integrated Products MAX6349YL Datasheet HTML 5Page - Maxim Integrated Products MAX6349YL Datasheet HTML 6Page - Maxim Integrated Products MAX6349YL Datasheet HTML 7Page - Maxim Integrated Products MAX6349YL Datasheet HTML 8Page - Maxim Integrated Products MAX6349YL Datasheet HTML 9Page - Maxim Integrated Products MAX6349YL Datasheet HTML 10Page - Maxim Integrated Products MAX6349YL Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Capacitor Selection and
Regulator Stability
For stable operation over the full temperature range
and with load currents up to 150mA, use a 1µF (min)
output capacitor. To reduce noise and improve load
transient response, stability, and power-supply rejec-
tion, use large output capacitor values such as 10µF.
Note that some ceramic dielectrics exhibit large capac-
itance and ESR variation with temperature. With
dielectrics such as Z5U and Y5V, it may be necessary
to use 2.2µF or more to ensure stability at temperatures
below -10°C. With X7R or X5R dielectrics, 1µF should
be sufficient at all operating temperatures. A graph of
the Region of Stable COUT ESR vs. Load Current is
shown in the Typical Operating Characteristics.
To improve power-supply rejection and transient
response use a 1µF capacitor between IN and GND.
Input-Output (Dropout) Voltage
A regulator’s minimum input-output voltage differential
(or dropout voltage) determines the lowest useable
supply voltage. In battery powered systems, this will
determine the useful end-of-life battery voltage. Since
the MAX6329/MAX6349 use a P-channel MOSFET pass
transistor, their dropout voltage is a function of RDS(ON)
multiplied by the load current (see Electrical
Characteristics).
Negative Going OUT Transients
These supervisors are relatively immune to short-dura-
tion, negative going OUT transients. The Typical
Operating Characteristics section shows a graph of the
Maximum Transient Duration vs. Reset Threshold
Overdrive for which reset is not asserted. The graph
was produced using negative going OUT transients
starting at OUT and ending below the reset threshold
by the magnitude indicated (Reset Threshold
Overdrive). The graph shows the maximum pulse width
that a negative going OUT transient can typically have
without triggering a reset pulse. As the amplitude of the
transient increases (i.e., goes further below the reset
threshold), the maximum allowable pulse width
decreases. Typically, an OUT transient that goes only
10mV below the reset threshold and lasts for 75µs will
not trigger a reset pulse.
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
_______________________________________________________________________________________
9
Chip Information
TRANSISTOR COUNT: 800
PROCESS: BiCMOS
MAX6329
SET
VCC
SHDN
RESET
IN
2.5V TO 5.5V
GND
GND
µP
1
µF
RESET
OUT
Typical Operating Circuit


Similar Part No. - MAX6349YL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349YL MAXIM-MAX6349YL Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
More results

Similar Description - MAX6349YL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com