Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6405 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6405
Description  關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6405 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6405 Datasheet HTML 1Page - Maxim Integrated Products MAX6405 Datasheet HTML 2Page - Maxim Integrated Products MAX6405 Datasheet HTML 3Page - Maxim Integrated Products MAX6405 Datasheet HTML 4Page - Maxim Integrated Products MAX6405 Datasheet HTML 5Page - Maxim Integrated Products MAX6405 Datasheet HTML 6Page - Maxim Integrated Products MAX6405 Datasheet HTML 7Page - Maxim Integrated Products MAX6405 Datasheet HTML 8Page - Maxim Integrated Products MAX6405 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
µP Supervisory Circuits in 4-Bump (2
2)
Chip-Scale Package
2
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0
°C to +70°C
1.0
5.5
Supply Voltage Range
VCC
TA = -40
°C to +85°C
1.2
5.5
V
MAX6400/MAX6401/MAX6402
VCC = 3.0V for VTH
≤ 2.93V,
VCC = 3.2V for VTH
≥ 2.93V, no load
0.5
1.0
Supply Current
ICC
VCC = 5.5V, no load
1.0
1.75
µA
TA = +25
°CVTH - 1.5% VTH VTH + 1.5%
Reset Threshold
VTH
Table 1
TA = -40
°C to +85°CVTH - 2.5% VTH VTH + 2.5%
V
MAX6400/MAX6401/MAX6402
6.3
Reset Threshold Hysteresis
MAX6403/MAX6404/MAX6405
9.5
mV
Reset Threshold Tempco
∆VTH/°C
40
ppm/
°C
VCC to Reset Delay
tRD
VCC = (VTH +100mV) to (VTH - 100mV)
20
µs
Reset Active Timeout Period
tRP
100
185
280
ms
VIL
0.8
VIH
VTH > 4.0V
2.0
VIL
0.2 x VCC
MR Input
VIH
VTH
≤ 4.0V
0.7 x VCC
V
MR Minimum Input Pulse Width
tMD
1
µs
MR Glitch Rejection
100
ns
MR to Reset Delay Time
200
ns
MR Pullup Resistance
25
50
75
k
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.0V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
RESET, RESET (push-pull) .........................-0.3V to (VCC + 0.3V)
RESET (open-drain)..................................................-0.3V to +6V
MR ..............................................................-0.3V to (VCC + 0.3V)
Input/Output into Any Pin ....................................................20mA
Continuous Power Dissipation (TA = +70°C)
4-Bump UCSP (derate 3.8mW/°C above +70°C).........303mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Bump Reflow Temperature .............................................+235°C
All voltages measured with respect to GND, unless otherwise noted.


Similar Part No. - MAX6405

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX640 MAXIM-MAX640 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406-MAX6411 MAXIM-MAX6406-MAX6411 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406BS MAXIM-MAX6406BS Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406BS22-T MAXIM-MAX6406BS22-T Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX6405

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com