Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21571DSPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS21571DSPBF
Description  FULLY INTEGRATED BALLAST CONTROL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21571DSPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS21571DSPBF_15 Datasheet HTML 3Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 4Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 5Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 6Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 7Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 8Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 9Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 10Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IRS21571D
www.irf.com
© 2008 International Rectifier
7
Electrical Characteristics
V
CC = VBS = VBIAS = 14V +/- 0.25V, RT=16.9kΩ, CT = 470 pF, RPH and RUN pins no connection, VCPH = 0V,
R
DT = 6.1 kΩ, ROC = 20.0 kΩ, VCS = 0.5 V, VSD = 0 V, CL = 1000pF and TA = 25 °C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Supply Characteristics
VCCUV+
VCC Supply Undervoltage Positive Going
Threshold
11.5
12.5
13.5
VCC rising from 0V
VUVHYS
VCC Supply Undervoltage Lockout Hysteresis
---
2.0
---
V
IQCCUV
UVLO Mode Quiescent Current
---
150
300
VCC = VCCUV+ -
100mV
IQCCFLT
Fault-Mode Quiescent Current
---
400
600
µA
SD = 5V, CS = 2V, or
Tj > TSD
IQCC
Quiescent VCC Supply Current
2
4.3
CT connected to
COM
IQCC40k
VCC Supply Current, f = 40kHz
4.0
5.5
7.0
mA
VCLAMP
VCC Zener Clamp Voltage
---
15.6
---
V
ICC = 5mA
Floating Supply Characteristics
IQBS0
Quiescent VBS Supply Current
---
50
100
VHO = VS
IQBS1
Quiescent VBS Supply Current
---
72
140
uA
VHO = VB
VBSUV+
VBS Supply Undervoltage Positive Going
Threshold
---
9.0
---
VBS rising from 0V
VBSUV-
VBS Supply Undervoltage Negative Going
Threshold
---
8.0
---
V
VBS falling from 14V
ILK
Offset Supply Leakage Current
---
---
50
µA
VB = VS = 600V
Oscillator I/O Characteristics
fOSC
Oscillator Frequency
43.7
46
48.3
kHz
d
Oscillator Duty Cycle
50
%
VCT+
Upper CT Ramp Voltage Threshold
---
4.0
---
VCT-
Lower CT Ramp Voltage Threshold
---
2.0
---
V
VCTFLT
Fault-Mode CT Pin Voltage
---
0
---
mV
SD = 5V, CS = 2V, or
Tj > TSD
VRT
RT Pin Voltage
---
2.0
---
V
VRTFLT
Fault-Mode RT Pin Voltage
---
0
---
mV
SD = 5V, CS = 2V, or
Tj > TSD
tdlo
LO Output Deadtime
---
2.3
---
µsec
tdho
HO Output Deadtime
---
2.3
---
µsec
Preheat Characteristics
ICPH
CPH Pin Charging Current
0.98
µA
VCPH = 0V
VCPHIGN
CPH Pin Ignition Mode Threshold Voltage
3.7
4.0
4.3
VCPHRUN
CPH Pin Run Mode Threshold Voltage
4.6
5.0
5.4
V
VCPHFLT
Fault-Mode CPH Pin Voltage
---
0
---
mV
SD = 5V, CS = 2V, or
Tj > TSD


Similar Part No. - IRS21571DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
More results

Similar Description - IRS21571DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com