Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6353LSUT-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6353LSUT-T
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6353LSUT-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6353LSUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6353LSUT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dual/Triple-Voltage
µP Supervisory Circuits
_______________________________________________________________________________________
5
1
1
2
2
2
5
5
4
4
4
3
3
3
6
5
6
Pin Description
FUNCTION
Active-Low Reset Output. Open-drain for the
MAX6352/MAX6355/MAX6358, 5V push-pull for the
MAX6353/MAX6356/MAX6359, and 3V push-pull for
the MAX6354/MAX6357/MAX6360.
Ground
Undervoltage Reset Comparator Input. Asserts
reset when the monitored voltage falls below 1.23V.
Set the reset threshold with an external resistor-
divider. Connect to VCC5 if unused. VRSTIN must be
below VCC5.
Active-Low, 3V CMOS Reset Output
+3.3V/+3.0V Supply Input. Powers the device when
it is above VCC5 and monitors its own voltage.
Manual-Reset Input. Pull low to force a reset. RST,
RST5, and RST3 remain active as long as MR is low
and for the timeout period after MR goes high.
Leave unconnected or connect to VCC5 if unused.
VMR must be below VCC5.
+5V Supply Input. Powers the device when it is
above VCC3 and monitors its own voltage.
Watchdog Input. If WDI remains either high or low
longer than the timeout period, then reset is trig-
gered. The timer clears when reset is asserted or
whenever WDI sees a rising or falling edge. Leave
floating to disable it if unused.
1
2
4
3
6
5
NAME
RST
GND
RSTIN
RST3
VCC3
MR
VCC5
WDI
1
Active-Low, 5V CMOS Reset Output
RST5
MAX6351
MAX6352
MAX6353
MAX6354
MAX6355
MAX6356
MAX6357
MAX6358
MAX6359
MAX6360
PIN


Similar Part No. - MAX6353LSUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6353 MAXIM-MAX6353 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6353__UK-T MAXIM-MAX6353__UK-T Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6353__UK-T MAXIM-MAX6353__UK-T Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
More results

Similar Description - MAX6353LSUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com