Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6412UK46-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6412UK46-T
Description  Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6412UK46-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6412UK46-T Datasheet HTML 1Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 2Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 3Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 4Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 5Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 6Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 7Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 8Page - Maxim Integrated Products MAX6412UK46-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1V to 5.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at VCC = 5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
≥ 1.8V, ISINK = 500µA
0.3
VCC
≥ 2.7V, ISINK = 1.2mA
0.3
RESET Output Voltage LOW
VOL
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
V
RESET IN Leakage Current
10
nA
RESET IN Threshold
VRST
VRST falling, VCC = 1.6V to 5.0V
1.212
1.263
1.313
V
RESET IN Hysteresis
25
mV
VIL
0.8
VIH
VCC > 4.0V
2.4
VIL
0.3 VCC
MR Input
VIH
VCC < 4.0V
0.7 VCC
V
MR Minimum Pulse Width
1µs
MR Glitch Rejection
75
ns
MR to RESET Delay
50
µs
MR Pullup Resistance
Pull up to VCC
12
20
28
k
Note 1: Devices production tested at +25°C. Over temperature limits are guaranteed by design.
Typical Operating Characteristics
(VCC = 5V, CSRT = 1500pF, TA = +25°C, unless otherwise noted.)
4
3
2
1
0
03
12
456
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +125
°C
TA = +25
°C
TA = -40
°C
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
-50
0
25
-25
50
75
100
125
SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
VCC = 5V
VCC = 3.3V
VCC = 1.8V
VCC = 1V
0.1
1
100
10
1000
10,000
0.001
0.1
0.01
1
10
100
1000
RESET TIMEOUT PERIOD vs. CSRT
CSRT (nF)


Similar Part No. - MAX6412UK46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412UK46-T MAXIM-MAX6412UK46-T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6412UK46-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com