Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6320PUK46CY-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6320PUK46CY-T
Description  5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6320PUK46CY-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6320PUK46CY-T Datasheet HTML 5Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 6Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 7Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 8Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 9Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 10Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 11Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 12Page - Maxim Integrated Products MAX6320PUK46CY-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
_______________________________________________________________________________________
9
P-channel transistor on-resistance quickly charges
stray capacitance on the reset line, allowing RESET to
transition from low to high within the required two elec-
tronic-clock cycles, even with several devices on the
reset line. This process occurs regardless of whether
the reset was caused by VCC dipping below the reset
threshold, the watchdog timing out, MR being asserted,
or the µP or other device asserting RESET. The parts do
not require an external pull-up. To minimize supply cur-
rent consumption, the internal 4.7k
Ω pull-up resistor
disconnects from the supply whenever the MAX6316M/
MAX6318MH/MAX6319MH assert reset.
Open-Drain
R
RE
ES
SE
ETT Output
The MAX6320P/MAX6321HP/MAX6322HP have an
active-low, open-drain reset output. This output struc-
ture will sink current when RESET is asserted. Connect
a pull-up resistor from RESET to any supply voltage up
to 6V (Figure 6). Select a resistor value large enough to
register a logic low (see
Electrical Characteristics), and
small enough to register a logic high while supplying all
input current and leakage paths connected to the RESET
line. A 10k
Ω pull-up is sufficient in most applications.
Manual-Reset Input
The MAX6316_/MAX6317H/MAX6319_H/MAX6320P/
MAX6322HP feature a manual-reset input. A logic low on
MR asserts a reset. After MR transitions low to high, reset
remains asserted for the duration of the reset timeout peri-
od (tRP). The MR input is connected to VCC through an
internal 52k
Ω pull-up resistor and therefore can be left
unconnected when not in use. MR can be driven with
TTL-logic levels in 5V systems, with CMOS-logic levels in
3V systems, or with open-drain or open-collector output
devices. A normally-open momentary switch from MR to
ground can also be used; it requires no external
debouncing circuitry. MR is designed to reject fast,
negative-going transients (typically 100ns pulses). A
0.1µF capacitor from MR to ground provides additional
noise immunity.
The MR input pin is equipped with internal ESD-protection
circuitry that may become forward biased. Should MR be
driven by voltages higher than VCC, excessive current
would be drawn, which would damage the part. For
example, assume that MR is driven by a +5V supply other
than VCC. If VCC drops lower than +4.7V, MR’s absolute
maximum rating is violated [-0.3V to (VCC + 0.3V)], and
undesirable current flows through the ESD structure from
MR to VCC. To avoid this, use the same supply for MR as
the supply monitored by VCC. This guarantees that the
voltage at MR will never exceed VCC.
Watchdog Input
The MAX6316_/MAX6317H/MAX6318_H/MAX6320P/
MAX6321HP feature a watchdog circuit that monitors
the µP’s activity. If the µP does not toggle the watchdog
input (WDI) within the watchdog timeout period (tWD),
reset asserts. The internal watchdog timer is cleared by
reset or by a transition at WDI (which can detect pulses
as short as 50ns). The watchdog timer remains cleared
while reset is asserted. Once reset is released, the
timer begins counting again (Figure 7).
The WDI input is designed for a three-stated output
device with a 10µA maximum leakage current and the
capability of driving a maximum capacitive load of 200pF.
The three-state device must be able to source and sink at
least 200µA when active. Disable the watchdog function
by leaving WDI unconnected or by three-stating the driver
connected to WDI. When the watchdog timer is left open
circuited, the timer is cleared internally at intervals equal
to 7/8 of the watchdog period.
MAX6320
MAX6321
MAX6322
VCC
GND
RESET
WDI**
MR*
RESET***
MAX6320/MAX6322
MAX6320/MAX6321
MAX6321/MAX6322
*
**
***
5V SYSTEM
+5.0V
+3.3V
10k
Figure 6. MAX6320P/MAX6321HP/MAX6322HP Open-Drain
RESET Output Allows Use with Multiple Supplies
tR
tS
RESET
RESET PULLED LOW
BY µC OR
RESET GENERATOR
ACTIVE
PULL-UP
TURNS ON
VCC
0.7V
0.8 x VCC
tRP
OR
µC RESET DELAY
Figure 5. Bidirectional RESET Timing Diagram


Similar Part No. - MAX6320PUK46CY-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6320PUK46CY-T MAXIM-MAX6320PUK46CY-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6320PUK46CY-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com