Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6320 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6320
Description  5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6320 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6320 Datasheet HTML 1Page - Maxim Integrated Products MAX6320 Datasheet HTML 2Page - Maxim Integrated Products MAX6320 Datasheet HTML 3Page - Maxim Integrated Products MAX6320 Datasheet HTML 4Page - Maxim Integrated Products MAX6320 Datasheet HTML 5Page - Maxim Integrated Products MAX6320 Datasheet HTML 6Page - Maxim Integrated Products MAX6320 Datasheet HTML 7Page - Maxim Integrated Products MAX6320 Datasheet HTML 8Page - Maxim Integrated Products MAX6320 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
_______________________________________________________________________________________
3
Note 3: This is the minimum time RESET must be held low by an external pull-down source to set the active pull-up flip-flop.
Note 4: Measured from RESET VOL to (0.8 x VCC), RLOAD = ∞.
Note 5: WDI is internally serviced within the watchdog period if WDI is left unconnected.
Note 6: The WDI input current is specified as the average input current when the WDI input is driven high or low. The WDI input is
designed for a three-stated-output device with a 10µA maximum leakage current and capable of driving a maximum capaci-
tive load of 200pF. The three-state device must be able to source and sink at least 200µA when active.
µA
1.0
ILKG
Open-Drain Reset Output
Leakage Current
ns
400
tS
Transition Flip-Flop Setup Time
333
ns
333
tR
RESET Output Rise Time
(Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 3)
VCC = 5.0V, CL = 200pF
VCC = 3.0V, CL = 120pF
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
666
666
VCC = 5.0V, CL = 400pF
VCC = 3.0V, CL = 250pF
V
0.4
0.65
VPTH
Active Pull-Up Enable Threshold
VCC = 5.0V
mA
20
RESET Active Pull-Up Current
VCC = 5.0V
k
4.2
4.7
5.2
RESET Pull-Up Resistance
V
0.3
VOL
RESET Output Voltage
VCC ≥ 1.0V, ISINK = 50µA
0.3
VCC ≥ 1.2V, ISINK = 100µA
0.3
VCC ≥ 2.7V, ISINK = 1.2mA
0.4
VCC ≥ 4.5V, ISINK = 3.2mA
ms
4.3
6.3
9.3
tWD
Watchdog Timeout Period
MAX63_ _ _ W-T
71
102
153
MAX63_ _ _ X-T
sec
1.12
1.6
2.4
MAX63_ _ _ Y-T
17.9
25.6
38.4
MAX63_ _ _ Z-T
ns
50
tWDI
WDI Pulse Width
VIL = 0.3 x VCC, VIH = 0.7 x VCC
V
0.3 x VCC
VIL
WDI Input Threshold
(Note 5)
0.7 x VCC
120
160
IWDI
WDI Input Current
(Note 6)
WDI = VCC, time average
-20
-15
VWDI = 0, time average
VIH
V
0.8
VIL
MR Input Threshold
VTH > 4.0V
2.0
VIH
0.3 x VCC
VIL
VTH < 4.0V
0.7 x VCC
VIH
µs
1
MR Input Pulse Width
ns
100
MR Glitch Rejection
k
35
52
75
MR Pull-Up Resistance
ns
230
MR to Reset Delay
VCC = 5V
µA
BIDIRECTIONAL RESET OUTPUT (MAX6316M/MAX6318MH/MAX6319MH)
OPEN-DRAIN RESET OUTPUT (MAX6320P/MAX6321HP/MAX6322HP)
WATCHDOG INPUT (MAX6316/MAX6317H/MAX6318_H/MAX6320P/MAX6321HP)
MANUAL-RESET INPUT (MAX6316_/MAX6317H/MAX6319_H/MAX6320P/MAX6322HP)


Similar Part No. - MAX6320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6320 MAXIM-MAX6320 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6320P MAXIM-MAX6320P Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6320P MAXIM-MAX6320P Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6320P MAXIM-MAX6320P Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6320P MAXIM-MAX6320P Datasheet
118Kb / 8P
   Supervisory Circuit Evaluation Kit
19-4779; Rev 0; 8/98
More results

Similar Description - MAX6320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com