Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6375UR27-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6375UR27-T
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6375UR27-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6375UR27-T Datasheet HTML 1Page - Maxim Integrated Products MAX6375UR27-T Datasheet HTML 2Page - Maxim Integrated Products MAX6375UR27-T Datasheet HTML 3Page - Maxim Integrated Products MAX6375UR27-T Datasheet HTML 4Page - Maxim Integrated Products MAX6375UR27-T Datasheet HTML 5Page - Maxim Integrated Products MAX6375UR27-T Datasheet HTML 6Page - Maxim Integrated Products MAX6375UR27-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
6
_______________________________________________________________________________________
___________________Chip Information
TRANSISTOR COUNT: 419
Table 2. Device Marking Codes and Minimum Order Increments (continued)
Selector Guide
(Standard Versions**)
**Sample stock is generally held on all standard versions.
Contact factory for availability of nonstandard versions.
PART
TOP MARK
(SC70)
TOP MARK
(SOT23)
ORDER
INCREMENT (k)
MAX6378_R39-T
——
10
MAX6378_R40-T
——
10
MAX6378_R41-T
——
10
MAX6378_R42-T
——
10
MAX6378_R43-T
——
10
MAX6378_R44-T
ADS
FZHU
2.5
MAX6378_R45-T
——
10
MAX6378_R46-T
ADD
FZHV
2.5
MAX6379_R33-T
——
10
MAX6379_R34-T
——
10
MAX6379_R35-T
——
10
MAX6379_R36-T
——
10
MAX6379_R37-T
——
10
MAX6379_R38-T
——
10
MAX6379_R39-T
——
10
MAX6379_R40-T
——
10
MAX6379_R41-T
——
10
MAX6379_R42-T
——
10
PART
TOP MARK
(SC70)
TOP MARK
(SOT23)
ORDER
INCREMENT (k)
MAX6379_R43-T
——
10
MAX6379_R44-T
ADE
FZHW
2.5
MAX6379_R45-T
——
10
MAX6379_R46-T
ADT
FZHX
2.5
MAX6380_R33-T
——
10
MAX6380_R34-T
——
10
MAX6380_R35-T
——
10
MAX6380_R36-T
——
10
MAX6380_R37-T
——
10
MAX6380_R38-T
——
10
MAX6380_R39-T
——
10
MAX6380_R40-T
——
10
MAX6380_R41-T
——
10
MAX6380_R42-T
——
10
MAX6380_R43-T
——
10
MAX6380_R44-T
ADU
FZHY
2.5
MAX6380_R45-T
——
10
MAX6380_R46-T
ADF
FZHZ
2.5
PART
NOMINAL VTH (V)
MAX63 _ _ _ R46-T
4.63
MAX63 _ _ _ R44-T
4.38
MAX63 _ _ _ R31-T
3.08
MAX63 _ _ _ R29-T
2.93
MAX63 _ _ _ R26-T
2.63
MAX63 _ _ _ R23-T
2.32
MAX63 _ _ _ R22-T
2.20
Ordering Information (continued)
PART*
TEMP RANGE
PIN-PACKAGE
MAX6377UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6377XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6378UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6378XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6379UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6379XR _ _ -T
-40°C to +85°C
3 SC70-3
MAX6380UR _ _ -T
-40°C to +85°C
3 SOT23-3
MAX6380XR _ _ -T
-40°C to +85°C
3 SC70-3
*The MAX6375/MAX6376/MAX6377 are available in factory-pre-
set thresholds from 2.20V to 3.08V, in approximately 0.1V incre-
ments. The MAX6378/MAX6379/MAX6380 are available in
factory-preset thresholds from 3.30V to 4.63V, in approximately
0.1V increments. Choose the desired threshold suffix from Table
1 and insert it in the blank spaces following R. There are 21 stan-
dard versions, with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(see the Selector Guide). The required order increment is 10,000
pieces for nonstandard versions (Table 2). Contact factory for
availability. All devices available in tape-and-reel only.


Similar Part No. - MAX6375UR27-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375UR MAXIM-MAX6375UR Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
More results

Similar Description - MAX6375UR27-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com