Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPS4602 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UPS4602
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS4602 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UPS4602_15 Datasheet HTML 2Page - Unisonic Technologies UPS4602_15 Datasheet HTML 3Page - Unisonic Technologies UPS4602_15 Datasheet HTML 4Page - Unisonic Technologies UPS4602_15 Datasheet HTML 5Page - Unisonic Technologies UPS4602_15 Datasheet HTML 6Page - Unisonic Technologies UPS4602_15 Datasheet HTML 7Page - Unisonic Technologies UPS4602_15 Datasheet HTML 8Page - Unisonic Technologies UPS4602_15 Datasheet HTML 9Page - Unisonic Technologies UPS4602_15 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UPS4602
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R119-019.A
TYPICAL APPLICATION CIRCUIT
F1
LINE
NEUT
8
9
10
1
2
3
4
L2
12V/1.33A
GND
7
3
5
IC1
6
7
4
3
1
2
L1
1
2
3
4
T1
IC3
IC2
BD1
ZNR1
1
2
3
4
16W
GND
DRAIN
DRAIN
FB
6
2
VCC
XC1
R1
R2
C1
R5
R3
D1
C2
YC1
R6
C8
C4
D2
C10
C7
D3
C3
R17
C9
R14
R8
R9
R10
GND
8
VCC-G
1
RG
CS
RCS
4
R7
FIG.10 UTC UPS4602 Typical Application Circuit
Table1. Components reference description for UTC UPS4602 application circuit
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
DESIGNATOR
PART TYPE
C1
33μF
R1
2.2MΩ
D1
RS1M
C2
0.001μF
R2
2.2MΩ
D2
SR39
C3
22μF
R3
100KΩ
D3
RS1D
C4
470μF
R5
2MΩ
IC1
UPS4602
C7
0.01μF
R6
30Ω
IC2
PC-817
C8
0.001μF
R7
15Ω
IC3
TL431
C9
0.1μF
R8
4.7KΩ
YC1
102P/400V
C10
470μF
R9
3.92KΩ
T1
EE22
R10
15KΩ
L1
UU9.8
R14
1.8KΩ
L2
2μH
R17
510Ω
F1
1A/250V
RG
0Ω
ZNR1
7D471K
RCS
1Ω
XC1
0.1μF/250V
BD1
KBP205


Similar Part No. - UPS4602_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPS4602G-D08-T UTC-UPS4602G-D08-T Datasheet
408Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
UPS4602L-D08-T UTC-UPS4602L-D08-T Datasheet
408Kb / 10P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH WITH ZERO CURRENT DETECTION
More results

Similar Description - UPS4602_15

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com