Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6649MUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6649MUA
Description  145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6649MUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6649MUA Datasheet HTML 7Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 8Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 9Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 10Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 11Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 12Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 13Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 14Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+145°C Precision SMBus-Compatible Remote/
Local Sensors with Overtemperature Alarms
______________________________________________________________________________________
11
Slave Addresses
The MAX6646/MAX6647/MAX6649 have fixed slave
addresses (see Table 9). All devices also respond to the
SMBus alert response slave address (see the Alert
Response Address section).
POR and UVLO
To prevent ambiguous power-supply conditions from
corrupting the data in memory and causing erratic
behavior, a POR voltage detector monitors VCC and
clears the memory if VCC falls below 2.0V (typ). When
power is first applied and VCC rises above 2.0V (typ),
the logic blocks begin operating, although reads and
writes at VCC levels below 3V are not recommended. A
second VCC comparator, the ADC UVLO comparator,
prevents the ADC from converting until there is sufficient
headroom (VCC = 2.7V typ).
Power-Up Defaults
Power-up defaults include:
• Interrupt latch is cleared.
• ADC begins autoconverting at a 4Hz rate.
• Command byte is set to 00h to facilitate quick local
temperature receive byte queries.
• Local (internal) THIGH limit is set to +85°C.
• Local (internal) TLOW limit is set to 0°C.
• Remote (external) THIGH limit is set to +85°C
(MAX6649)/+95°C (MAX6646/MAX6647)
• OVERT (internal) limit is set to +85°C
• OVERT (external) limit is set to +85°C (MAX6649)/
+125°C (MAX6646/MAX6647)
DATA
CONVERSION
RATE (Hz)
00h
0.0625
01h
0.125
02h
0.25
03h
0.5
04h
1
05h
2
06h
4
07h
4
08h-FFh
Reserved
Table 8. Conversion-Rate Control Byte
(04h)
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
BUSY
0
A/D is busy converting when 1.
6
LHIGH
0
Local (internal) high-temperature alarm has tripped when 1; cleared by POR or readout of the
status byte if the fault condition no longer exists.
5
LLOW
0
Local (internal) low-temperature alarm has tripped when 1; cleared by POR or readout of the
status byte if the fault condition no longer exists.
4
RHIGH
0
Remote (external) high-temperature alarm has tripped when 1; cleared by POR or readout of the
status byte if the fault condition no longer exists.
3
RLOW
0
Remote (external) low-temperature alarm has tripped when 1; cleared by POR or readout of the
status byte if the fault condition no longer exists.
2
FAULT
0
A 1 indicates DXN and DXP are either shorted or open; cleared by POR or readout of the status
byte if the fault condition no longer exists.
1
EOT
0
A 1 indicates the remote (external) junction temperature exceeds the external
OVERT threshold.
0
IOT
0
A 1 indicates the local (internal) junction temperature exceeds the internal
OVERT threshold.
Table 7. Status Register Bit Assignments (02h)
PART
SLAVE ADDRESS
MAX6646
1001 101
MAX6647
1001 110
MAX6649
1001 100
Table 9. Slave Addresses


Similar Part No. - MAX6649MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6649MUA MAXIM-MAX6649MUA Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6649MUA++ MAXIM-MAX6649MUA+ Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results

Similar Description - MAX6649MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com