Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6653 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6653
Description  Temperature Monitors and PWM Fan Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6653 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6653 Datasheet HTML 1Page - Maxim Integrated Products MAX6653 Datasheet HTML 2Page - Maxim Integrated Products MAX6653 Datasheet HTML 3Page - Maxim Integrated Products MAX6653 Datasheet HTML 4Page - Maxim Integrated Products MAX6653 Datasheet HTML 5Page - Maxim Integrated Products MAX6653 Datasheet HTML 6Page - Maxim Integrated Products MAX6653 Datasheet HTML 7Page - Maxim Integrated Products MAX6653 Datasheet HTML 8Page - Maxim Integrated Products MAX6653 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Temperature Monitors and
PWM Fan Controllers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
REMOTE TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
REMOTE-DIODE TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
DIE TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
-40
125
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
10
0
0.001
0.01
0.1
1
10
100
REMOTE TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
2
POWER-SUPPLY NOISE FREQUENCY (MHz)
4
6
8
1
3
5
7
9
100mVP-P
250mVP-P
7
-2
0.001
0.01
0.1
1
10
100
LOCAL TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
-1
0
POWER-SUPPLY NOISE FREQUENCY (MHz)
2
1
5
6
4
3
100mVP-P
250mVP-P
TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
COMMON-MODE NOISE FREQUENCY (MHz)
0.0001
0.1
1
10
0.001
0.01
100
12
-2
0
2
4
6
10
8
40mVP-P
20mVP-P
8
7
6
5
4
3
2
1
0
0.01
1
10
0.1
100
TEMPERATURE ERROR
vs. DIFFERENTIAL-MODE NOISE FREQUENCY
DIFFERENTIAL-MODE NOISE FREQUENCY (MHz)
30mVP-P
20mVP-P
TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE
DXP-DXN CAPACITANCE (nF)
1
-5
-4
-3
-2
-1
0
1
10
100
2.0
3.0
2.5
4.0
3.5
4.5
5.0
3.0
5.5
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.0
3.5
4.5
5.0
AVERAGE OPERATING SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (Hz)
3
2
1
50
100
150
200
250
300
350
400
450
500
0
04


Similar Part No. - MAX6653

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX665 MAXIM-MAX665 Datasheet
344Kb / 8P
   8V CMOS Switched-Capacitor Voltage Converter
Rev 0; 6/92
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
More results

Similar Description - MAX6653

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
logo
SMSC Corporation
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Global Mixed-mode Techn...
G7951 GMT-G7951 Datasheet
35Kb / 2P
   Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com