Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6319LH Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6319LH
Description  5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6319LH Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6319LH Datasheet HTML 1Page - Maxim Integrated Products MAX6319LH Datasheet HTML 2Page - Maxim Integrated Products MAX6319LH Datasheet HTML 3Page - Maxim Integrated Products MAX6319LH Datasheet HTML 4Page - Maxim Integrated Products MAX6319LH Datasheet HTML 5Page - Maxim Integrated Products MAX6319LH Datasheet HTML 6Page - Maxim Integrated Products MAX6319LH Datasheet HTML 7Page - Maxim Integrated Products MAX6319LH Datasheet HTML 8Page - Maxim Integrated Products MAX6319LH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
VCC......................................................................-0.3V to +6V
RESET (MAX6320/MAX6321/MAX6322 only)...... -0.3V to +6V
All Other Pins.........................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...............571mW
Operating Temperature Range............................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range..............................-65°C to +160°C
Lead Temperature (soldering, 10sec)..............................+300°C
VCC - 1.5
0.8 x VCC
VOH
0.4
0.3
0.3
V
0.3
VOL
RESET Output Voltage
µs
40
tRD
VCC to RESET Delay
1120
1600
2240
140
200
280
20
28
40
ms
1
1.4
2
tRP
Reset Active Timeout Period
mV
3
Reset Threshold Hysteresis
V
1
5.5
VCC
Operating Voltage Range
VTH -2.5% VTH VTH +2.5%
V
VTH -1.5% VTH VTH +1.5%
VRST
Reset Threshold (Note 2)
ppm/°C
40
∆VTH/°C
Reset Threshold Temperature
Coefficient
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC ≥ 4.5V, ISOURCE = 800µA
VCC ≥ 2.7V, ISOURCE = 500µA
VCC ≥ 4.5V, ISINK = 3.2mA
VCC ≥ 2.7V, ISINK = 1.2mA
VCC ≥ 1.2V, ISINK = 100µA
VCC ≥ 1.0V, ISINK = 50µA
TA = -40°C to +85°C
VCC falling at 1mV/µs
MAX63_ _D_-T
TA = -40°C to +85°C
TA = +25°C
MAX63_ _C_-T
MAX63_ _B_-T
MAX63_ _A_-T
CONDITIONS
V
0.3
VOL
RESET Output Voltage
VCC ≥ 2.7V, ISINK = 1.2mA
0.4
VCC ≥ 4.5V, ISINK = 3.2mA
0.8 x VCC
VOH
VCC ≥ 1.8V, ISOURCE = 150µA
0.8 x VCC
VCC ≥ 2.7V, ISOURCE = 500µA
VCC - 1.5
VCC ≥ 4.5V, ISOURCE = 800µA
Note 1: Over-temperature limits are guaranteed by design, not production tested.
Note 2: A factory-trimmed voltage divider programs the nominal reset threshold (VTH). Factory-trimmed reset thresholds are
available in 100mV increments from 2.5V to 5V (see Table 1 at end of data sheet).
MAX6316/MAX6317/MAX6318/
MAX6320/MAX6321:
MR and WDI unconnected
µA
10
20
ICC
Supply Current
VCC = 5.5V
512
VCC = 3.6V
MAX6319/MAX6322:
MR unconnected
512
VCC = 5.5V
38
VCC = 3.6V
PUSH/PULL RESET OUTPUT (MAX6316L/MAX6317H/MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP)


Similar Part No. - MAX6319LH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6319LH MAXIM-MAX6319LH Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6319LH MAXIM-MAX6319LH Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6319LH MAXIM-MAX6319LH Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6319LH MAXIM-MAX6319LH Datasheet
118Kb / 8P
   Supervisory Circuit Evaluation Kit
19-4779; Rev 0; 8/98
MAX6319LHUK-T MAXIM-MAX6319LHUK-T Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
More results

Similar Description - MAX6319LH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com