Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6368LKA29-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6368LKA29-T
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6368LKA29-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6368LKA29-T Datasheet HTML 7Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 8Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 9Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 10Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 11Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 12Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 13Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 14Page - Maxim Integrated Products MAX6368LKA29-T Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
______________________________________________________________________________________
11
watchdog is set low in the beginning of the program,
set high at the beginning of every subroutine or loop,
and set low again when the program returns to the
beginning. If the program should hang in any subrou-
tine, the problem would be quickly corrected.
Replacing the Backup Battery
When VCC is above VTH, the backup power source can
be removed without danger of triggering a reset pulse.
The device does not enter battery-backup mode when
VCC stays above the reset threshold voltage.
Negative-Going VCC Transients
These supervisors are relatively immune to short-dura-
tion, negative-going VCC transients. Resetting the µP
when VCC experiences only small glitches is usually not
desirable.
The Typical Operating Characteristics section has a
Maximum Transient Duration vs. Reset Threshold
Overdrive graph for which reset is not asserted. The
graph was produced using negative-going VCC pulses,
starting at VCC and ending below the reset threshold by
the magnitude indicated (reset threshold overdrive).
The graph shows the maximum pulse width that a neg-
ative-going VCC transient can typically have without
triggering a reset pulse. As the amplitude of the tran-
sient increases (i.e., goes further below the reset
threshold), the maximum allowable pulse width
decreases. Typically, a VCC transient that goes 100mV
below the reset threshold and lasts for 30µs will not trig-
ger a reset pulse.
A 0.1µF bypass capacitor mounted close to the VCC
pin provides additional transient immunity.
BATT
BATT ON
OUT
CMOS RAM
0.1
µF
GND
RESET
CE IN
CE
RESET
CE OUT
MAX6367
VCC
A0–A15
µP
+2.4V TO +5.5V
ADDRESS
DECODE
Figure 3. MAX6367 BATT ON Driving an External Pass
Transistor
Figure 4. Watchdog Flow Diagram
START
SET
WDI
LOW
RETURN
END
SUBROUTINE
OR PROGRAM LOOP
SET WDI
HIGH


Similar Part No. - MAX6368LKA29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6368LKA__-T MAXIM-MAX6368LKA__-T Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
More results

Similar Description - MAX6368LKA29-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com