Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6658MSA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6658MSA
Description  짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6658MSA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6658MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 9Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 10Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 11Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 12Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 13Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
1. Initiate a one-shot conversion using Command
Byte 0Fh. When this conversion is complete, read
the contents of the Temperature Data registers.
2) If the MAX6657/MAX6658/MAX6659 are in run mode,
read the Status register. If a conversion is in
progress, the BUSY bit is set to 1. Wait for the con-
version to complete as indicated by the BUSY bit
being set to 0, then read the Temperature Data reg-
isters. Note that the power-on reset sets the conver-
sion rate to 16Hz, so no extended data is valid
without reducing the conversion rate to 4Hz or less.
Diode Fault Alarm
There is a continuity fault detector at DXP that detects
an open circuit between DXP and DXN, or a DXP short
to VCC, GND, or DXN. If an open or short circuit exists,
the external temperature register is loaded with 1000
0000. Additionally, if the fault is an open circuit, bit 2
(OPEN) of the status byte is set to 1 and the ALERT con-
dition is activated at the end of the conversion.
Immediately after POR, the Status register indicates that
no fault is present until the end of the first conversion.
10
______________________________________________________________________________________
SMBCLK
AB
C
D
E
FG
H
I
J
K
SMBDATA
tSU:STA
tHD:STA
tLOW
tHIGH
tSU:DAT
tHD:DAT
tSU:STO tBUF
L
M
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
E = SLAVE PULLS SMBDATA LINE LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO MASTER
H = LSB OF DATA CLOCKED INTO MASTER
I = MASTER PULLS DATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO SLAVE
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION
M = NEW START CONDITION
Figure 4. SMBus Read Timing Diagram
SMBCLK
AB
C
D
E
FG
H
I
J
K
SMBDATA
tSU:STA
tHD:STA
tLOW
tHIGH
tSU:DAT
tHD:DAT
tSU:STO tBUF
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
E = SLAVE PULLS SMBDATA LINE LOW
L
M
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE
H = LSB OF DATA CLOCKED INTO SLAVE
I = MASTER PULLS DATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO SLAVE
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION
M = NEW START CONDITION
Figure 3. SMBus Write Timing Diagram
±1°C, SMBus-Compatible Remote/Local Temperature
Sensors with Overtemperature Alarms


Similar Part No. - MAX6658MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX665 MAXIM-MAX665 Datasheet
344Kb / 8P
   8V CMOS Switched-Capacitor Voltage Converter
Rev 0; 6/92
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
More results

Similar Description - MAX6658MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com