Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6658MSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6658MSA
Description  짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6658MSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6658MSA Datasheet HTML 1Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 2Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 3Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 4Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 5Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ..........................................................................-0.3V to +6V
DXP ............................................................-0.3V to (VCC + 0.3V)
DXN ......................................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT, OVERT1,
OVERT2 ..............................................................-0.3V to +6V
SMBDATA, ALERT, OVERT1, OVERT2
Current ..........................................................-1mA to +50mA
DXN Current ......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C) .................471mW
16-Pin QSOP (derate 8.3mW/°C above +70°C) ..........664mW
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Typical Operating Circuit, VCC = +3.0V to +5.5V, TA = 0°C to +125°C, unless otherwise specified. Typical values are at
VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1
°C
Temperature Resolution,
Legacy Mode
8
Bits
0.125
°C
Temperature Resolution,
Extended Mode
11
Bits
TRJ = +60°C to +100°C, VCC = +3.3V
(Note 1)
-1.0
+1.0
TRJ = 0°C to +100°C, VCC = +3.3V (Note 1)
-3.0
+3.0
Remote Temperature Error
(MAX6657)
TRJ = 0°C to +125°C, VCC = +3.3V (Note 1)
-5.0
+5.0
°C
TA = +60°C to +100°C, VCC = +3.3V
-2.0
+2.0
TA = 0°C to +100°C, VCC = +3.3V
-3.0
+3.0
Local Temperature Error
(MAX6657)
TA = 0°C to +125°C, VCC = +3.3V
-5.0
+5.0
°C
TRJ = +60°C to +100°C, VCC = +3.3V
(Note 1)
-1.0
1.0
TRJ = 0°C to +100°C, VCC = +3.3V (Note 1)
-3.0
3.0
Remote Temperature Error
(MAX6658/MAX6659)
TRJ = -55°C to +125°C, VCC = +3.3V (Note 1)
-5.0
+5.0
°C
TA = +60°C to +100°C, VCC = +3.3V
-2.0
+2.0
TA = 0°C to +100°C, VCC = +3.3V
-3.0
+3.0
Local Temperature Error
(MAX6658/MAX6659)
TA = -55°C to +125°C, VCC = +3.3V (Note 2)
-5.0
+5.0
°C
Line Regulation
3.0V
≤ VCC ≤ 5.5V
0.2
0.6
m°C/V
Supply Voltage Range
VCC
3.0
5.5
V
Undervoltage Lockout Threshold
UVLO
Falling edge of VCC disables ADC
2.60
2.80
2.95
V
Undervoltage Lockout Hysteresis
90
mV
Power-On Reset (POR) Threshold
VCC, falling edge
1.5
2.0
2.5
V
POR Threshold Hysteresis
90
mV
Standby Supply Current
SMBus static
3
10
µA
Operating Current
During conversion
0.5
1.0
mA
0.25 conversions/s
40
70
Average Operating Current
2 conversions/s
150
250
µA
±1°C, SMBus-Compatible Remote/Local Temperature
Sensors with Overtemperature Alarms


Similar Part No. - MAX6658MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX665 MAXIM-MAX665 Datasheet
344Kb / 8P
   8V CMOS Switched-Capacitor Voltage Converter
Rev 0; 6/92
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
More results

Similar Description - MAX6658MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com