Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6658MSA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6658MSA
Description  짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6658MSA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6658MSA Datasheet HTML 2Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 3Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 4Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 5Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 9Page - Maxim Integrated Products MAX6658MSA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Detailed Description
The MAX6657/MAX6658/MAX6659 are temperature
sensors designed to work in conjunction with a micro-
processor or other intelligence in thermostatic,
process-control, or monitoring applications. Com-
munication with the MAX6657/MAX6658/MAX6659
occurs through the SMBus serial interface and dedicat-
ed alert pins. Two independent overtemperature alarms
(OVERT1 and OVERT2) are asserted if their software
programmed temperature thresholds are exceeded.
OVERT1 and OVERT2 can be connected to fans, a sys-
tem shutdown, or other thermal management circuitry.
The MAX6657/MAX6658/MAX6659 convert tempera-
tures to digital data either at a programmed rate or a
single conversion. Conversions have a 0.125°C resolu-
tion (extended resolution) or 1°C resolution (legacy res-
olution). Extended resolution represents temperature as
10 bits + sign bit and is available for autonomous con-
versions that are 4Hz and slower and single-shot con-
versions. Legacy resolution represents temperature as
7 bits + sign bit and allows for faster autonomous con-
version rates of 8Hz and 16Hz.
ADC and Multiplexer
The averaging ADC integrates over a 60ms period
(each channel, typically, in the 7-bit + sign legacy
mode). Using an averaging ADC attains excellent noise
rejection.
The multiplexer automatically steers bias currents
through the remote and local diodes. The ADC and
associated circuitry measure each diode’s forward volt-
age and compute the temperature based on this volt-
age. If the remote channel is not used, connect DXP to
DXN. Do not leave DXP and DXN unconnected. When a
conversion is initiated, both channels are converted
6
_______________________________________________________________________________________
MUX
REMOTE
LOCAL
ADC
2
CONTROL
LOGIC
SMBus
READ
WRITE
8
8
ADDRESS
DECODER
7
S
R
Q
S
R
Q
S
R
Q
DIODE
FAULT
DXP
DXN
(ADD)
SMBCLK
SMBDATA
REGISTER BANK
COMMAND BYTE
REMOTE TEMPERATURE
LOCAL TEMPERATURE
ALERT THRESHOLD
ALERT RESPONSE
ADDRESS
OVERT1 THRESHOLD
(OVERT2 THRESHOLD)
( ) ARE FOR MAX6659 ONLY
MAX6659 ONLY
VCC
MAX6657
MAX6658
MAX6659
(STBY)
ALERT
OVERT1
(OVERT2)
Functional Diagram
±1°C, SMBus-Compatible Remote/Local Temperature
Sensors with Overtemperature Alarms


Similar Part No. - MAX6658MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX665 MAXIM-MAX665 Datasheet
344Kb / 8P
   8V CMOS Switched-Capacitor Voltage Converter
Rev 0; 6/92
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
More results

Similar Description - MAX6658MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com