Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX668 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX668
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX668 Datasheet HTML 5Page - Maxim Integrated Products MAX668 Datasheet HTML 6Page - Maxim Integrated Products MAX668 Datasheet HTML 7Page - Maxim Integrated Products MAX668 Datasheet HTML 8Page - Maxim Integrated Products MAX668 Datasheet HTML 9Page - Maxim Integrated Products MAX668 Datasheet HTML 10Page - Maxim Integrated Products MAX668 Datasheet HTML 11Page - Maxim Integrated Products MAX668 Datasheet HTML 12Page - Maxim Integrated Products MAX668 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PWM Controller
The heart of the MAX668/MAX669 current-mode PWM
controller is a BiCMOS multi-input comparator that
simultaneously processes the output-error signal, the
current-sense signal, and a slope-compensation ramp
(Figure 1). The main PWM comparator is direct sum-
ming, lacking a traditional error amplifier and its associ-
ated phase shift. The direct summing configuration
approaches ideal cycle-by-cycle control over the out-
put voltage since there is no conventional error amp in
the feedback path.
In PWM mode, the controller uses fixed-frequency, cur-
rent-mode operation where the duty ratio is set by the
input/output voltage ratio (duty ratio = (VOUT - VIN) / VIN
in the boost configuration). The current-mode feedback
loop regulates peak inductor current as a function of
the output error signal.
At light loads the controller enters Idle Mode. During
Idle Mode, switching pulses are provided only as need-
ed to service the load, and operating current is mini-
mized to provide best light-load efficiency. The
minimum-current comparator threshold is 15mV, or 15%
of the full-load value (IMAX) of 100mV. When the con-
troller is synchronized to an external clock, Idle Mode
occurs only at very light loads.
Bootstrapped/Non-Bootstrapped Operation
Low-Dropout Regulator (LDO)
Several IC biasing options, including bootstrapped and
non-bootstrapped operation, are made possible by an
on-chip, low-dropout 5V regulator. The regulator input is
at VCC, while its output is at LDO. All MAX668/MAX669
functions, including EXT, are internally powered from
LDO. The VCC-to-LDO dropout voltage is typically
200mV (300mV max at 12mA), so that when VCC is less
than 5.2V, LDO is typically VCC - 200mV. When LDO is
in dropout, the MAX668/MAX669 still operate with VCC
as low as 3V (as long as LDO exceeds 2.7V), but with
reduced amplitude FET drive at EXT. The maximum
VCC input voltage is 28V.
LDO can supply up to 12mA to power the IC, supply
gate charge through EXT to the external FET, and sup-
ply small external loads. When driving particularly large
FETs at high switching rates, little or no LDO current
may be available for external loads. For example, when
switched at 500kHz, a large FET with 20nC gate charge
requires 20nC x 500kHz, or 10mA.
VCC and LDO allow a variety of biasing connections to
optimize efficiency, circuit quiescent current, and full-
load start-up behavior for different input and output
voltage ranges. Connections are shown in Figures 2, 3,
4, and 5. The characteristics of each are outlined in
Table 1.
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
_______________________________________________________________________________________
9
ANTISAT
MUX
LOW-VOLTAGE
START-UP
OSCILLATOR
(MAX669 ONLY)
+A
-A X6
+C
-C X1
+S
-S
X1
SLOPE COMPENSATION
SQ
BIAS
OSC
OSC
FREQ
SYNC/SHDN
0
1
LDO
PGND
1.25V
REF
EXT
UVLO
VCC
R1
552k
R2
276k
R3
276k
100mV
15mV
IMAX
IMIN
MAIN PWM
COMPARATOR
1.25V
FB
CURRENT SENSE
CS+
MAX668
MAX669
LDO
MAX669 ONLY
R
Figure 1. MAX668/MAX669 Functional Diagram


Similar Part No. - MAX668

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
MAX668 MAXIM-MAX668 Datasheet
82Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6680 MAXIM-MAX6680 Datasheet
248Kb / 17P
   ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 1; 1/05
More results

Similar Description - MAX668

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX668 MAXIM-MAX668_V01 Datasheet
1Mb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
2016
MAX668 MAXIM-MAX668_02 Datasheet
294Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 1; 1/02
MAX668 MAXIM-MAX668_12 Datasheet
341Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in μMAX
Rev 2; 1/12
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012_10 Datasheet
656Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL98012 RENESAS-ISL98012 Datasheet
773Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Intersil Corporation
ISL98012 INTERSIL-ISL98012 Datasheet
473Kb / 10P
   1.8V Input PWM Step-Up Regulator
logo
Semtech Corporation
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
Advanced Analog Technol...
AAT1106 AAT-AAT1106 Datasheet
238Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com